Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1707R1-R48-R Datasheet(PDF) 18 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 18 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 14Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 15Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 16Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 17Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 18Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 19Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 20Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 21Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 22Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 18 of 41
03/2018
PI352x-00
Load Current (A)
24
68
10
12
14
16
18
20
30V
48V
60V
V
IN:
85
86
87
88
89
90
91
92
93
94
95
96
Figure 36 — System Efficiency, Nominal Trim,
Board Temperature = 90ºC
Load Current (A)
1
2
3
4
5
6
7
8
9
10
11
12
24
68
10
12
14
16
18
20
30V
48V
60V
V
IN:
Figure 39 — System Power Dissipation, Nominal Trim,
Board Temperature = 90ºC
Load Current (A)
1
2
3
4
5
6
7
8
9
10
11
12
24
68
10
12
14
16
18
20
30V
48V
60V
V
IN:
Load Current (A)
24
68
10
12
14
16
18
20
30V
48V
60V
V
IN:
85
86
87
88
89
90
91
92
93
94
95
96
Figure 37 — System Efficiency, Low Trim,
Board Temperature = 90ºC
PI3525-00 (5VOUT) Electrical Characteristics (Cont.)
Load Current (A)
1
2
3
4
5
6
7
8
9
10
11
12
24
68
10
12
14
16
18
20
30V
48V
60V
V
IN:
Load Current (A)
24
68
10
12
14
16
18
20
30V
48V
60V
V
IN:
85
86
87
88
89
90
91
92
93
94
95
96
Figure 40 — System Power Dissipation, Low Trim,
Board Temperature = 90ºC
Figure 38 — System Efficiency, High Trim,
Board Temperature = 90ºC
Figure 41 — System Power Dissipation, High Trim,
Board Temperature = 90ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com