Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1707R1-R48-R Datasheet(PDF) 10 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 10 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 6Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 7Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 8Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 9Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 10Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 11Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 12Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 13Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 10 of 41
03/2018
PI352x-00
Load Current (A)
24
68
10
12
14
16
18
20
22
82
83
84
85
86
87
88
89
90
91
92
93
94
30V
48V
60V
V
IN:
Figure 1 — System Efficiency, Nominal Trim,
Board Temperature = 25ºC
Load Current (A)
0
2
1
3
4
5
6
7
8
9
30V
48V
60V
V
IN:
24
68
10
12
14
16
18
20
22
Figure 4 — System Power Dissipation, Nominal Trim,
Board Temperature = 25ºC
Load Current (A)
0
2
1
3
4
5
6
7
8
30V
48V
60V
V
IN:
24
68
10
12
14
16
18
20
22
Load Current (A)
24
68
10
12
14
16
18
20
22
77
83
81
79
85
87
89
91
93
30V
48V
60V
V
IN:
Figure 2 — System Efficiency, Low Trim,
Board Temperature = 25ºC
PI3523-00 (3.3VOUT) Electrical Characteristics (Cont.)
Load Current (A)
0
4
2
6
8
10
30V
48V
60V
V
IN:
24
68
10
12
14
16
18
20
22
Load Current (A)
24
68
10
12
14
16
18
20
22
80
86
84
82
88
90
92
94
30V
48V
60V
V
IN:
Figure 5 — System Power Dissipation, Low Trim,
Board Temperature = 25ºC
Figure 3 — System Efficiency, High Trim,
Board Temperature = 25ºC
Figure 6 — System Power Dissipation, High Trim,
Board Temperature = 25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com