Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9212B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL9212B
Description  Charging System Safety Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9212B Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL9212B Datasheet HTML 1Page - Renesas Technology Corp ISL9212B Datasheet HTML 2Page - Renesas Technology Corp ISL9212B Datasheet HTML 3Page - Renesas Technology Corp ISL9212B Datasheet HTML 4Page - Renesas Technology Corp ISL9212B Datasheet HTML 5Page - Renesas Technology Corp ISL9212B Datasheet HTML 6Page - Renesas Technology Corp ISL9212B Datasheet HTML 7Page - Renesas Technology Corp ISL9212B Datasheet HTML 8Page - Renesas Technology Corp ISL9212B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISL9212B
FN6399 Rev 0.00
Page 3 of 11
March 21, 2007
Pin Descriptions
VIN (Pins 1, 2)
The input power source. The VIN can withstand 30V input.
GND (Pin 3)
System ground reference.
WRN (Pin 4)
WRN is an open-drain logic output that turns LOW when any
protection event occurs.
NC (Pins 5, 6, 12)
No connection and must be left floating.
EN (Pin 7)
Enable input. Pull this pin to low or leave it floating to enable
the IC and force it to high, which will disable the IC.
VB (Pin 8)
Battery voltage monitoring input. This pin is connected to the
battery pack positive terminal via an isolation resistor.
ILIM (Pin 9)
Overcurrent protection threshold setting pin. Connect a
resistor between this pin and GND to set the OCP threshold.
OUT (Pins 10, 11)
Output pin.
EPAD
The exposed pad at the bottom of the DFN package for
enhancing thermal performance. Must be electrically
connected to the GND pin.
Typical Applications
Block Diagram
INPUT
ISL6292
BATTERY
CHARGER
RVB
C1
RILIM
BATTERY
PACK
ISL9212B
ILIM
WRN
VIN
GND
VB
OUT
EN
PART
DESCRIPTION
RILIM
25k
RVB
200k
 to 1M
C1
1µF/16V X5R ceramic capacitor
+
FIGURE 1. BLOCK DIAGRAM
POR
PRE-REG
REF
VIN
VB
GND
1.2V
0.8V
R
1
R
2
Q
1
INPUT
CP1
ISL6292
BATTERY
CHARGER
CP2
OUT
R
ILIM
ILIM
FET
DRIVER
EA
R
3
R
4
R
VB
CP3
Q
2
Q
3
BUF
WRN
Q
4
LOGIC
EN
Q
5
R
5
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com