Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9212B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL9212B
Description  Charging System Safety Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9212B Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL9212B Datasheet HTML 1Page - Renesas Technology Corp ISL9212B Datasheet HTML 2Page - Renesas Technology Corp ISL9212B Datasheet HTML 3Page - Renesas Technology Corp ISL9212B Datasheet HTML 4Page - Renesas Technology Corp ISL9212B Datasheet HTML 5Page - Renesas Technology Corp ISL9212B Datasheet HTML 6Page - Renesas Technology Corp ISL9212B Datasheet HTML 7Page - Renesas Technology Corp ISL9212B Datasheet HTML 8Page - Renesas Technology Corp ISL9212B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN6399 Rev 0.00
Page 1 of 11
March 21, 2007
FN6399
Rev 0.00
March 21, 2007
ISL9212B
Charging System Safety Circuit
DATASHEET
The ISL9212B is an integrated circuit (IC) optimized to
provide a Li-ion battery redundant safety protection from
failures of a charging system. The IC monitors the input
voltage, the battery voltage, and the charge current. When
any of the three parameters exceeds its limit, the IC turns off
an internal P-Channel MOSFET to remove the power from
the charging system. In addition to the above protected
parameters, the IC also monitors its own internal
temperature and turns off the P-Channel MOSFET when the
die temperature exceeds +140°C. Together with the battery
charger IC and the protection module in a battery pack, the
charging system using the ISL9212B has triple-level
protection and is two-fault tolerant.
The IC is designed to turn on the internal PFET slowly to
avoid inrush current at power-up but will turn off the PFET
quickly when input overvoltage is detected in order to
remove the power before any damage occurs. The
ISL9212B has a logic warning output to indicate the fault and
an enable input to allow the system to remove the input
power.
Typical Application Circuit
Features
• Fully Integrated Protection Circuit for Three Protection
Variables
- User Programmable Overcurrent Protection Threshold
- Input Overvoltage Protection in Less Than 1µs
- Battery Overvoltage Protection
• High Immunity of False Triggering Under Transients
• High Accuracy Protection Thresholds
• Warning Output to Indicate the Occurrence of Faults
• Enable Input
• Thermal Enhanced DFN Package
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Cell Phones
• Digital Still Cameras
• PDAs and Smart Phones
• Portable Instruments
• Desktop Chargers
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB379 “Thermal Characterization of
Packaged Semiconductor Devices”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL9212BIRZ*
(Note)
2BZ
-40 to +85 12 Ld 4x3 TDFN
(Pb-free)
L12.4x3A
ISL9212EVAL1 ISL9212B Evaluation Board
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
INPUT
ISL6292
BATTERY
CHARGER
RVB
C1
RILIM
BATTERY
PACK
ISL9212B
ILIM
WRN
VIN
GND
VB
OUT
EN
+
Pinout
ISL9212B
(12 LD 4x3 TDFN)
TOP VIEW
NOTE: EPAD must be electrically connected to the GND pin.
VIN
VIN
GND
WRN
OUT
ILIM
VB
NC
OUT
NC
NC
EN
2
3
4
1
5
11
10
9
12
8
6
7
EPAD


Similar Part No. - ISL9212B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9212BIRZ INTERSIL-ISL9212BIRZ Datasheet
534Kb / 11P
Charging System Safety Circuit
March 21, 2007
More results

Similar Description - ISL9212B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
Charging System Safety Circuit
November 14, 2006
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
Charging System Safety Circuit
January 16, 2009
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
Charging System Safety Circuit
August 25, 2010
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
Charging System Safety Circuit
November 4, 2014
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com