Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9212B Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL9212B
Description  Charging System Safety Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9212B Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL9212B Datasheet HTML 2Page - Renesas Technology Corp ISL9212B Datasheet HTML 3Page - Renesas Technology Corp ISL9212B Datasheet HTML 4Page - Renesas Technology Corp ISL9212B Datasheet HTML 5Page - Renesas Technology Corp ISL9212B Datasheet HTML 6Page - Renesas Technology Corp ISL9212B Datasheet HTML 7Page - Renesas Technology Corp ISL9212B Datasheet HTML 8Page - Renesas Technology Corp ISL9212B Datasheet HTML 9Page - Renesas Technology Corp ISL9212B Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL9212B
FN6399 Rev 0.00
Page 6 of 11
March 21, 2007
FIGURE 14. OVERCURRENT PROTECTION THRESHOLDS vs
TEMPERATURE AT VARIOUS INPUT VOLTAGES
FIGURE 15. OVERCURRENT PROTECTION BLANKING TIME
vs TEMPERATURE
FIGURE 16. OVERCURRENT PROTECTION THRESHOLDS vs
TEMPERATURE AT VARIOUS INPUT VOLTAGES
FIGURE 17. BATTERY VOLTAGE OVP THRESHOLDS vs
TEMPERATURE AT VARIOUS INPUT VOLTAGES
FIGURE 18. BATTERY OVP BLANKING TIME
FIGURE 19. VB PIN LEAKAGE CURRENT vs TEMPERATURE
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = +25°C,
RILIM = 25.5k, RVB = 200k, Unless Otherwise Noted. (Continued)
960
970
980
990
1000
1010
1020
1030
1040
1050
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
6.5V
5V
4.3V
3V
CURRENT
LIMIT = 1A
150
155
160
165
170
175
180
185
190
195
200
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
470
475
480
485
490
495
500
505
510
515
-50
-20
10
40
70
100
130
4.3V
6.5V
5V
3V
TEMPERATURE (°C)
4.280
4.290
4.300
4.310
4.320
4.330
4.340
4.350
4.360
4.370
4.380
-60 -40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
RISING MAX
FALLING MIN
150
155
160
165
170
175
180
185
190
195
200
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-20
10
40
70
100
130
TESTED AT 5V
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com