Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9212B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL9212B
Description  Charging System Safety Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9212B Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL9212B Datasheet HTML 3Page - Renesas Technology Corp ISL9212B Datasheet HTML 4Page - Renesas Technology Corp ISL9212B Datasheet HTML 5Page - Renesas Technology Corp ISL9212B Datasheet HTML 6Page - Renesas Technology Corp ISL9212B Datasheet HTML 7Page - Renesas Technology Corp ISL9212B Datasheet HTML 8Page - Renesas Technology Corp ISL9212B Datasheet HTML 9Page - Renesas Technology Corp ISL9212B Datasheet HTML 10Page - Renesas Technology Corp ISL9212B Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL9212B
FN6399 Rev 0.00
Page 7 of 11
March 21, 2007
Theory of Operation
The ISL9212B is an integrated circuit (IC) optimized to
provide a redundant safety protection to a Li-ion battery from
charging system failures. The IC monitors the input voltage,
the battery voltage and the charge current. When any of the
above three parameters exceeds its limit, the IC turns off an
internal P-Channel MOSFET to remove the power from the
charging system. In addition to the above protected
parameters, the IC also monitors its own internal
temperature and turns off the P-Channel MOSFET when the
temperature exceeds +140°C. Together with the battery
charger IC and the protection module in a battery pack, the
charging system has triple-level protection from over-
charging the Li-ion battery and is two-fault tolerant. The
ISL9212B protects up to 30V input voltage.
Power-Up
The ISL9212B has a power-on reset (POR) threshold of
2.6V with a built-in hysteresis of 100mV. Before the input
voltage reaches the POR threshold, the internal power PFET
is off. Approximately 10ms after the input voltage exceeds
the POR threshold, the IC resets itself and begins the soft-
start. The 10ms delay allows any transients at the input
during a hot insertion of the power supply to settle down
before the IC starts to operate. The soft-start slowly turns on
the power PFET to reduce the inrush current as well as the
input voltage drop during the transition. The power-up
behavior is illustrated in Figure 2.
Input Overvoltage Protection (OVP)
The input voltage is monitored by the comparator CP1 in the
Block Diagram (Figure 1). CP1 has an accurate reference of
1.2V from the bandgap reference. The OVP threshold is set
by the resistive divider consisting of R1 and R2. The
protection threshold is set to 6.8V. When the input voltage
FIGURE 20. EN INPUT THRESHOLD vs TEMPERATURE
FIGURE 21. EN PIN INTERNAL PULL-DOWN RESISTANCE
FIGURE 22. ON-RESISTANCE vs TEMPERATURE AT DIFFERENT INPUT VOLTAGES AND LOAD CURRENTS
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = +25°C,
RILIM = 25.5k, RVB = 200k, Unless Otherwise Noted. (Continued)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
150
160
170
180
190
200
210
220
230
240
250
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
FROM TOP TO BOTTOM VIN AND ILOAD ARE:
3V/1.5A, 3V/0.5A, 4.6V/1.5A, 4.6V/0.5A,
5V/1.5A, 5V/0.5A, 6.5V/1.5A, AND 6.5V/0.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com