Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9212B Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL9212B
Description  Charging System Safety Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9212B Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL9212B Datasheet HTML 3Page - Renesas Technology Corp ISL9212B Datasheet HTML 4Page - Renesas Technology Corp ISL9212B Datasheet HTML 5Page - Renesas Technology Corp ISL9212B Datasheet HTML 6Page - Renesas Technology Corp ISL9212B Datasheet HTML 7Page - Renesas Technology Corp ISL9212B Datasheet HTML 8Page - Renesas Technology Corp ISL9212B Datasheet HTML 9Page - Renesas Technology Corp ISL9212B Datasheet HTML 10Page - Renesas Technology Corp ISL9212B Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FN6399 Rev 0.00
Page 10 of 11
March 21, 2007
ISL9212B
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2007. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
voltage of the AC adapter. The actual peak voltage is
dependent on the damping factor that is mainly determined
by the parasitic resistance (R in Figure 25).
In practice, the input decoupling capacitor is recommended
to use a 16V X5R dielectric ceramic capacitor with a value
between 0.1µF to 1µF.
The output of the ISL9212B and the input of the charging
circuit typically share one decoupling capacitor. The
selection of that capacitor is mainly determined by the
requirement of the charging circuit. When using the ISL6292
family chargers, a 1µF, 6.3V, X5R capacitor is
recommended.
Layout Recommendation
The ISL9212B uses a thermally enhanced DFN package.
The exposed pad under the package should be connected to
the ground plane electrically as well as thermally. A grid of
1.0mm to 1.2mm pitch thermal vias in two rows and 4 to 5
vias per row is recommended (refer to the ISL9212BEVAL1
evaluation board layout). The vias should be about 0.3mm to
0.33mm in diameter. Use some copper on the component
layer if possible to further improve the thermal performance
but it is not mandatory.
Since the ISL9212B is a protection device, the layout should
also pay attention to the spacing between tracks. When the
distance between the edges of two tracks is less than
0.76mm, an FMEA (failure mechanism and effect analysis)
should be performed to ensure that a short between those
two tracks does not lead to the charger output exceeding the
“Lithium-Safe” region limits. Intersil will have the FMEA
document for the solution using the ISL9212B and the
ISL6292C chip set but the layout FMEA should be added as
part of the analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com