Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9212B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL9212B
Description  Charging System Safety Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9212B Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL9212B Datasheet HTML 1Page - Renesas Technology Corp ISL9212B Datasheet HTML 2Page - Renesas Technology Corp ISL9212B Datasheet HTML 3Page - Renesas Technology Corp ISL9212B Datasheet HTML 4Page - Renesas Technology Corp ISL9212B Datasheet HTML 5Page - Renesas Technology Corp ISL9212B Datasheet HTML 6Page - Renesas Technology Corp ISL9212B Datasheet HTML 7Page - Renesas Technology Corp ISL9212B Datasheet HTML 8Page - Renesas Technology Corp ISL9212B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL9212B
FN6399 Rev 0.00
Page 2 of 11
March 21, 2007
Absolute Maximum Ratings (Reference to GND)
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 30V
Output and VB Pin (OUT, VB) (Note 1) . . . . . . . . . . . . . . . -0.3 to 7V
Other Pins (ILIM, WRN, EN) . . . . . . . . . . . . . . . . . . . . . -0.3 to 5.5V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 6.5V
Operating Current Range. . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 2A
Thermal Resistance (Notes 2, 3)
JA (°C/W) JC (°C/W)
4x3 TDFN Package . . . . . . . . . . . . . . .
41
3.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . .+300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
+150°C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Operation close to +150°C junction may trigger the shutdown of
the device even before +150°C, since this number is specified as typical.

1. The maximum voltage rating for the VB pin under continuous operating conditions is 5.5V. All other pins are allowed to operate continuously at
the absolute maximum ratings.
2.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3.
JC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Typical values are tested at VIN = 5V and +25°C Ambient Temperature, maximum and minimum values are
guaranteed over the recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising VIN Threshold
VPOR
2.40
2.58
2.70
V
POR Hysteresis
-
100
-
mV
VIN Bias Current
IVIN
When enabled
0.75
0.90
1.10
mA
VIN Bias Current
When disabled
30
60
100
A
PROTECTIONS
Input Overvoltage Protection (OVP)
VOVP
6.65
6.80
7.00
V
Input OVP Hysteresis
-
60
100
mV
Input OVP Falling Threshold
6.55
-
-
V
Input OVP Propagation Delay
--
1
s
Overcurrent Protection
IOCP
VVB = 3V, RILIM = 25k
0.93
1.00
1.07
A
Overcurrent Protection Blanking Time
BTOCP
-
170
-
s
Battery Overvoltage Protection Threshold
VBOVP
4.28
4.34
4.40
V
Battery OVP Threshold Hysteresis
-30-
mV
Battery OVP Falling Threshold
4.25
-
-
V
Battery OVP Blanking Time
BTBOVP
-
180
-
s
VB Pin Leakage Current
VVB = 4.34V
-
-
20
nA
Over-Temperature Protection Rising Threshold
-
140
-
°C
Over-Temperature Protection Falling Threshold
-
90
-
°C
LOGIC
EN Input Logic HIGH
1.5
-
-
V
EN Input Logic LOW
--
0.4
V
EN Internal Pull Down Resistor
100
200
400
k
WRN Output Logic Low
Sink 5mA current
-
0.35
0.80
V
WRN Output Logic High Leakage Current
-
-
1
A
POWER MOSFET
ON-Resistance
rDS(ON)
4.6V < VIN < 6.5V
-
170
280
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com