Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9212B Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL9212B
Description  Charging System Safety Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9212B Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL9212B Datasheet HTML 3Page - Renesas Technology Corp ISL9212B Datasheet HTML 4Page - Renesas Technology Corp ISL9212B Datasheet HTML 5Page - Renesas Technology Corp ISL9212B Datasheet HTML 6Page - Renesas Technology Corp ISL9212B Datasheet HTML 7Page - Renesas Technology Corp ISL9212B Datasheet HTML 8Page - Renesas Technology Corp ISL9212B Datasheet HTML 9Page - Renesas Technology Corp ISL9212B Datasheet HTML 10Page - Renesas Technology Corp ISL9212B Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ISL9212B
FN6399 Rev 0.00
Page 9 of 11
March 21, 2007
RVB Selection
The RVB prevents a large current from the VB pin to the
battery terminal, in case the ISL9212B fails. The
recommended value should be between 200k
 to 1M.
With 200k
 resistance, the worst case current flowing from
the VB pin to the charger output is:
assuming the VB pin voltage is 30V under a failure mode
and the battery voltage is 4.2V. Such a small current can be
easily absorbed by the bias current of other components in
the handheld system. Increasing the RVB value reduces the
worst case current, but at the same time increases the error
for the 4.4V battery OVP threshold.
The error of the battery OVP threshold is the original
accuracy at the VB pin, (given in “Electrical Specifications”
on page 2) plus the voltage built across the RVB by the VB
pin leakage current. The VB pin leakage current is less than
20nA, as given in “Electrical Specifications” on page 2. With
the 200k
 resistor, the worst-case additional error is 4mV
and with a 1M
 resistor, the worst-case additional error is
20mV.
Interfacing to MCU
The ISL9212B has the enable (EN) and the warning (WRN)
digital signals that can be interfaced to a microcontroller unit
(MCU). Both signals can be left floating if not used. When
interfacing to an MCU, it is highly recommended to insert a
resistor between the ISL9212B signal pin and the MCU
GPIO pin, as shown in Figure 24. The resistor creates an
isolation to limit the current, in case a high voltage shows up
at the ISL9212B pins under a failure mode. The
recommended resistance ranges from 10k
 to 100k. The
selection of the REN is dependent on the IO voltage (VIO) of
the MCU. REN should be selected so that the ISL9212B EN
pin voltage is above the disable threshold when the GPIO
output of the MCU is high.
Capacitor Selection
The input capacitor (C1 in the “Typical Application Circuit” on
page 1) is for decoupling. Higher value reduces the voltage
drop or the over shoot during transients.
Two scenarios can cause the input voltage over shoot. The
first one is when the AC adapter is inserted live (hot
insertion) and the second one is when the current in the
power PFET of the ISL9212B has a step-down change.
Figure 25 shows an equivalent circuit for the ISL9212B
input. The cable between the AC/DC converter output and
the handheld system input has a parasitic inductor. The
parasitic resistor is the lumped sum of various components,
such as the cable, the adapter output capacitor ESR, the
connector contact resistance, and so on.
During the load current step-down transient, the energy
stored in the parasitic inductor is used to charge the input
decoupling capacitor, C2. The ISL9212B is designed to turn
off the power PFET slowly during the OCP, the battery OVP
event, and when the device is disabled via the EN pin.
Because of such design, the input over shoot during those
events is not significant. During an input OVP, however, the
PFET is turned in less than 1µs and can lead to significant
over shoot. Higher capacitance reduces this type of over
shoot.
The over shoot caused by a hot insertion is not very
dependent on the decoupling capacitance value, especially
when ceramic type capacitors are used for decoupling. In
theory, the over shoot can rise up to twice of the DC output
30V 4.2V
–
 200k

130
A
=
(EQ. 2)
FIGURE 23. LITHIUM-SAFE OPERATING REGIONS
5
0
1000
BATTERY VOLTAGE (V)
12
3
4
ISL9212
LIMITS
ISL6292C
LIMITS
6
FIGURE 24. DIGITAL SIGNAL INTERFACE BETWEEN
ISL9212B AND MCU
WRN
R
5
Q
4
Q
5
EN
ISL9212
MCU
R
PU
R
WRN
R
EN
VIO
FIGURE 25. EQUIVALENT CIRCUIT FOR THE ISL9212B INPUT
AC/DC
ISL9212
ADAPTER
CABLE
HANDHELD SYSTEM
C1
L
R
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com