Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9212B Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL9212B
Description  Charging System Safety Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9212B Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL9212B Datasheet HTML 3Page - Renesas Technology Corp ISL9212B Datasheet HTML 4Page - Renesas Technology Corp ISL9212B Datasheet HTML 5Page - Renesas Technology Corp ISL9212B Datasheet HTML 6Page - Renesas Technology Corp ISL9212B Datasheet HTML 7Page - Renesas Technology Corp ISL9212B Datasheet HTML 8Page - Renesas Technology Corp ISL9212B Datasheet HTML 9Page - Renesas Technology Corp ISL9212B Datasheet HTML 10Page - Renesas Technology Corp ISL9212B Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISL9212B
FN6399 Rev 0.00
Page 11 of 11
March 21, 2007
Thin Dual Flat No-Lead Plastic Package (TDFN)
C
//
L
C
e
TERMINAL TIP
FOR EVEN TERMINAL/SIDE
NX (b)
SECTION "C-C"
5
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
0.10
0.08
SIDE VIEW
0.15
2X
E
A
B
C
0.15
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
M C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
L
L12.4x3A
12 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-229-WGED-4 ISSUE C)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.18
0.23
0.30
5,8
D
4.00 BSC
-
D2
3.15
3.30
3.40
7,8
E
3.00 BSC
-
E2
1.55
1.70
1.80
7,8
e
0.50 BSC
-
k0.20
-
-
-
L
0.30
0.40
0.50
8
N12
2
Nd
6
3
Rev. 0 1/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com