Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124IRAZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 11 of 46
June 16, 2017
Functional Description
Overview
The ISL68124 is a digital dual output, 4-phase PWM controller that
can be programmed for single output 4+0, dual output 3+1, or
2+2 phase operation. Operation using less than four phases
between two outputs is also supported. Existing digital
multiphase solutions use analog comparator based schemes
(nonlinear) to bolster the inadequate transient response common
to many digital multiphase solutions. The ISL68124 uses a linear
voltage regulation scheme to address transient loads. As a result,
it is much easier for users to configure and validate their designs
when compared with nonlinear schemes. By combining a
proprietary low noise and zero latency digital current sense
scheme with cutting edge digital design techniques, Intersil is able
to meet transient demands without resorting to nonlinear
schemes. In addition, the ISL68124 can store up to eight user
configurations in NVM and allows the user to select the desired
configuration through pin-strap (CONFIG). The result is a system
that is easy to configure and deploy.
A number of performance enhancing features are supported in
the ISL68124. These include diode braking, automatic phase
dropping, DCR/resistor/smart power stage current sense
support, load-line regulation, and multiple temperature sensing
options.
To facilitate configuration development, the PowerNavigator GUI
provides a step-by-step arrangement for setup and parametric
adjustment. After a configuration has been set, the user can
employ PowerNavigator to monitor telemetry or use direct
PMBus interface based on the supported command set.
PWM Modulation Scheme
The ISL68124 uses Intersil's proprietary linear synthetic current
modulation scheme to improve transient performance. This is a
unique, constant frequency, dual-edge PWM modulation scheme
with both PWM leading and trailing edges being independently
moved to give the best response to transient loads. Current
balance is an inherent part of the regulation scheme. The
modulation scheme is capable of overlapping pulses if the load
profile demands such operation. In addition, the modulator is
capable of adding or removing pulses from a given cycle in
response to regulation demands while still managing maximum
average frequency to safe levels. For DC load conditions, the
operating frequency is constant.
PMBus Address Selection
When communicating with multiple PMBus devices on a single
bus, each device must have its own unique address so the host
can distinguish between the devices. The device address can be
set using a 1% resistor on the SA pin according to the pin-strap
options listed in Table 2.
Phase Configuration
The ISL68124 supports up to two regulated outputs through four
configurable phases. Either output is capable of controlling up to
four phases in any arbitrary mix. Phase assignments are
accomplished through the PowerNavigator GUI.
While the device supports arbitrary phase assignment, it is good
practice to assign phases to Output 1 in descending sequential
numerical order starting from Phase 3. For example, a 3-phase
rail could consist of Phases 3, 2, and 1. For Output 0, phases
should be assigned starting from Phase 0 in ascending
sequential numerical order.
Typical Performance Curves
FIGURE 5. NOMINAL SUPPLY CURRENT vs TEMPERATURE
FIGURE 6. SHUTDOWN SUPPLY CURRENT vs TEMPERATURE
0.03
0.04
0.05
0.06
0.07
0.08
-40
-20
0
2040
6080
100
AMBIENT TEMPERATURE (oC)
0
0.01
0.02
0.03
0.04
0.05
-40
-20
0
20
406080
100
AMBIENT TEMPERATURE (oC)
TABLE 2. RESISTOR VALUES TO ADDRESS MAPPING
R SA
(Ω)
PMBus
ADDRESS
R SA
(Ω)
PMBus
ADDRESS
0
60h
1500
52h
180
63h
1800
53h
330
66h
2200
56h
470
67h
2700
57h
680
42h
3300
5Ah
820
43h
3900
5Bh
1000
46h
4700
5Eh
1200
47h
5600
5Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com