Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68124IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
FN8796 Rev.2.00
Page 1 of 46
June 16, 2017
FN8796
Rev.2.00
June 16, 2017
ISL68124
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
DATASHEET
The ISL68124 is a digital dual output, flexible multiphase
(X+Y ≤ 4) PWM controller supporting the latest PMBus 1.3
specifications. Either output can be configured to support any
desired phase assignments up to a maximum of four phases
across the two outputs (X+Y). For example, 3+1, 2+2, 2+1, or
even a single output operation as a 4+0 configuration are
supported. The ISL68124 uses Intersil’s proprietary linear
synthetic digital current modulation scheme to achieve the
industry’s best combination of transient response and ease
of tuning while addressing the challenges of modern
multiphase designs.
Device configuration and telemetry monitoring is
accomplished using Intersil's intuitive PowerNavigator™ GUI.
The ISL68124 device supports on-chip nonvolatile memory to
store various configuration settings that are user selectable
through pin-strap, giving system designers increased power
density to configure and deploy multiple configurations. The
device supports an automatic phase add/drop feature to allow
maximum efficiency across all load ranges. Thresholds for
automatic phase add/drop are user programmable using the
powerful PowerNavigator GUI.
The ISL68124 supports a comprehensive fault management
system to enable the design of highly reliable systems. From a
multitiered overcurrent protection scheme, to the configurable
power-good and output overvoltage/undervoltage fault
thresholds and temperature monitoring, almost any need is
accommodated.
With minimal external components, easy configuration, robust
fault management, and highly accurate regulation capability,
implementing a high-performance, multiphase regulator has
never been easier.
Applications
• Networking equipment
• Telecom/datacom equipment
• Server/storage equipment
• Point-of-load power supply (Memory, DSP, ASIC, FPGA)
Features
• Advanced linear digital modulation scheme
- Zero latency synthetic current control for excellent HF
current balance
- Dual edge modulation for fastest transient response
• Auto phase add/drop for excellent load vs efficiency profile
• PMBus 1.3 support
- Telemetry - VIN, VOUT, IOUT, power IN/OUT, temperature,
and various fault status registers
- Up to 2MHz bus interface
• Flexible phase configuration
- 4+0, 3+1, 2+2 phase operation
- Operation using less than four phases between two
outputs is also supported
• Diode braking for overshoot reduction
• Differential remote voltage sensing supports ±0.5% closed
loop system accuracy over load, line, and temperature
• Highly accurate current sensing for excellent load line
regulation and accurate OCP
- Supports ISL99227 60A smart power stage
- Supports DCR sense with integrated temperature
compensation
• Comprehensive fault management enables high reliability
systems
- Pulse-by-pulse phase current limiting
- Total output current protection
- Output and input OV/UV
- Open voltage sense detect
- Black box recording capability for faults
• Intuitive configuration using PowerNavigator GUI
- NVM to store up to 8 configurations
• Pb-free (RoHS compliant)
Related Literature
• For a full list of related documents, visit our website
- ISL68124 product page


Similar Part No. - ISL68124IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68124 INTERSIL-ISL68124 Datasheet
880Kb / 50P
Digital Dual Output, 7-Phase Configurable PWM
September 28, 2016
ISL68124 INTERSIL-ISL68124 Datasheet
965Kb / 53P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
More results

Similar Description - ISL68124IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
ISL68144 RENESAS-ISL68144 Datasheet
2Mb / 48P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
ISL68147 RENESAS-ISL68147 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
ISL69133 RENESAS-ISL69133 Datasheet
231Kb / 2P
Digital, Dual Output, 4-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69134 RENESAS-ISL69134 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, IMVP8 PWM Controller
Jan 15, 2018
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com