Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124IRAZ Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 24Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 25Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 22 of 46
June 16, 2017
PMBus Use Guidelines
All commands can be read at any time.
Always disable the outputs when writing commands that change device settings. Exceptions to this rule are commands intended to be
written while the device is enabled, for example, OPERATION.
PMBus Data Formats
Direct (D)
The Direct data format is a 2-byte two’s complement binary integer.
Bit Field (BIT)
Break down of Bit Field is provided in “PMBus Command Detail” on page 23.
8Dh READ_TEMPERATURE_1
Reports power stage temperature measurement Read Direct
N/A
N/A
8Eh READ_TEMPERATURE_2
Reports TMON0 temperature measurement
Read Direct
N/A
N/A
8Fh READ_TEMPERATURE_3
Reports TMON1 temperature measurement
Read Direct
N/A
N/A
96h READ_POUT
Reports output power
Read Direct
N/A
N/A
97h READ_PIN
Reports input power
Read Direct
N/A
N/A
98h PMBUS_REVISION
Reports specific events
Read Bit
33h
Revision 1.3
ADh IC_DEVICE_ID
Reports device identification information
Block
Read
Bit
49D21E00h
ISL68124
AEh IC_DEVICE_REV
Reports device revision information
Block
Read
Bit
N/A
N/A
E7h APPLY_SETTINGS
Instructs device to apply PMBus setting changes
Write Bit
01h
N/A
F2h RESTORE_CONFIG
Allows selection of configurations from NVM
Write Bit
N/A
N/A
PMBus Command Summary (Continued)
CODE
COMMAND NAME
DESCRIPTION
TYPE
DATA
FORMAT
DEFAULT
VALUE
DEFAULT SETTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com