Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 14 of 46
June 16, 2017
connected to the ISL68124 TMON1 pin. The reported
temperature is that of the highest temperature SPS of the group.
In addition to the external temperature sense, the IC senses its
own die temperature, which can be monitored through
PowerNavigator.
Sensed temperature is used in the system for faults, telemetry,
and temperature compensation of sensed current.
Temperature Compensation
The ISL68124 supports inductor DCR sensing, which generally
requires temperature compensation due to the copper wire used
to form inductors. Copper has a positive temperature coefficient
of approximately 0.39%/°C. Because the voltage across the
inductor is sensed for the output current information, the sensed
current has the same positive temperature coefficient as the
inductor DCR.
Compensating current sense for temperature variation generally
requires that the current sensing element temperature and its
temperature coefficient is known. Although temperature
coefficient is generally obtained easily, actual current sense
element temperature is essentially impossible to measure
directly. Instead, a temperature sensor (a BJT for the ISL68124)
placed near the inductors is measured and the current sense
element (DCR) temperature is calculated from that
measurement. Calculating current sense element temperature is
equivalent to applying gain and offset corrections to the
temperature sensor measurement. The ISL68124 supports both
corrections.
Figure 14 depicts the block diagram of temperature
compensation. A BJT placed near the inductors used for DCR
sensing is monitored by the IC using the well known delta Vbe
method of temperature sensing. TSENSE is the direct measured
temperature of the BJT. Because the BJT is not directly sensing
DCR, corrections must be made so that TDCR reflects the true
DCR temperature. Corrections are applied according to the
relationship shown in Equation 1, where kSLOPE represents a
gain scaling and TOFFSET represents an offset correction. These
parameters are provided by the designer using the
PowerNavigator GUI:
After TDCR has been determined, the compensated DCR value
can be determined according to Equation 2, where DCR25 is the
DCR at +25°C and TC is the temperature coefficient of copper
(3900 ppm/°C). TDCR = TACTUAL here:
Thus, the temperature compensated DCR is now used to
determine the actual value of current in the DCR sense element.
In the physical PCB design, the temperature sense diode (BJT) is
placed close to the inductor of the phase that is never dropped
during automatic phase drop operation. Additionally, a filter
capacitor no larger than 500pF should be added near the IC
between each TEMPx pin and VCCS. This is shown in Figure 15.
Lossless Input Current and Power Sensing
Input current telemetry is provided using an input current
synthesizer. By using the IC’s ability to precisely determine its
operational conditions, input current can be synthesized to a high
degree of accuracy without the need for a lossy sense resistor.
Fine-tuning of offset and gain are provided for in the GUI. Note
that input current sense fine-tuning must be done after output
current sense setup is finalized. With a precise knowledge of
input current and voltage, input power can be computed.
Input current and power telemetry is accessed using PMBus and
easily monitored in the PowerNavigator GUI.
TDCR
kSLOPE TSENSE TOFFSET
+
=
(EQ. 1)
DCRCORR
DCR25 1TC
+
TACTUAL 25
–


=
(EQ. 2)
FIGURE 14. BLOCK DIAGRAM OF TEMPERATURE COMPENSATION
Vbe
VCCS
TMONx
TOFFSET
TSENSE
VOUT
DCR
CURRENT
SENSE
IPHASE#
TC
TEMPERATURE
COMPENSATION
DCRCORR
TO TELEMETRY
CSx
CSRTNx
kSLOPE
IC
IPHASE#
SW1
SW2
SW3
Output 1
L2
L3
L1
SW0
Output 0
TMON1
VCCS
IC
TMON0
L0
OPTIONAL AUXILIARY
TEMPERATURE SENSE
OPTIONAL AUXILIARY
TEMPERATURE SENSE
FIGURE 15. RECOMMENDED PLACEMENT OF TEMPERATURE
SENSORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com