Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124IRAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 13 of 46
June 16, 2017
This method senses the resistance of a metal winding where the
DCR value will increase with temperature. This must be
compensated or the sensed (and reported) current will increase
with temperature. To compensate the temperature effect, the
ISL68124 provides temperature sensing options and an internal
methodology to apply the correction.
RESISTIVE SENSING
For more accurate current sensing, a dedicated current sense
resistor, RSENSE, in series with each output inductor can serve as the
current sense element. However, this technique reduces the overall
converter efficiency due to the additional power loss on the current
sense element, RSENSE.
A current-sensing resistor has a distributed parasitic inductance
known as Equivalent Series Inductance (ESL), which is typically
less than 4nH. Consider the ESL as a separate lumped quantity,
as shown in Figure 9. The phase current IL, flowing through the
inductor, will also pass through the ESL. Similar to DCR sensing
described previously, a simple R-C network across the current
sense resistor extracts the RSENSE voltage. Simply match the
ESL/RSENSE time constant to the R-C time constant.
Figure 10 shows the sensed waveforms with and without
matching RC when using resistive sense. PCB layout should be
treated similar to that described for DCR sense.
L/DCR OR ESL/RSEN MATCHING
Assuming the compensator design is correct, Figure 11 shows the
expected load transient response waveforms if L/DCR or
ESL/RSEN is matching the R-C time constant. When the load
current IOUT has a square change, the output voltage VOUT also
has a square response, except for the potential overshoot at load
release. However, there is always some uncertainty in the true
parameter values involved in the time constant matching and
therefore, fine-tuning is generally required.
If the R-C time constant is too large or too small, VC(t) will not
accurately represent real-time IOUT(t) and will worsen the
transient response. Figure 12 shows the load transient response
when the R-C timing constant is too small. In this condition, VOUT
will sag excessively upon load insertion and may create a system
failure or early overcurrent trip. Figure 13 shows the transient
response when the R-C time constant is too large. VOUT is
sluggish in drooping to its final value. Use these general guides if
fine-tuning is needed.
SPS CURRENT SENSING
SPS current sense is accomplished by sensing each SPS IMON
output individually using VCCS as a common reference. Connect
all SPS IREF input pins and all ISL68124 CSRTNx input pins
together and tie them to VCCS, then connect the SPS IMONx
output pins to the corresponding ISL68124 CSx input pins. The
signals should be run as differential pairs from the SPS back to
the ISL68124.
Temperature Sensing
The ISL68124 supports temperature sensing through BJT or
smart power stage sense elements. Support for BJT sense
elements uses the well known delta Vbe method and allows up
to two sensors (MMBT3906 or similar) on each temperature
sense input, TMON0 and TMON1. Support for smart power stage
uses a linear conversion algorithm and allows one sensor reading
per pin. The conversion from voltage to temperature for smart
power stage sensing is user-programmable through the
PowerNavigator GUI.
The SPS temperature sensing measures the
temperature-dependent voltage output on the SPS TMON pin. All
of the SPS devices attached to the Output 0 rail have their TMON
pins connected to the ISL68124 TMON0 pin. All of the SPS
devices attached to the Output 1 rail have their TMON pins
FIGURE 9. SENSE RESISTOR IN SERIES WITH INDUCTOR
CSn
CSRTNn
C
R
RSENSE
ESL
RSENSE
R
C
VOUT
VPHASE
IC
ESL
CURRENT
SENSE
FIGURE 10. VOLTAGE ACROSS R WITH AND WITHOUT RC
MISMATCHED RC
MATCHED RC
FIGURE 11. DESIRED LOAD TRANSIENT RESPONSE WAVEFORMS
FIGURE 12. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO SMALL
FIGURE 13. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO LARGE
IOUT
VOUT
IOUT
VOUT
IOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com