Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124IRAZ Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 19 of 46
June 16, 2017
PMBus Operation
The ISL68124 PMBus slave address is pin selectable using the
ADDRESS pin and resistor value described in Table 2 on page 11.
For proper operation, users should follow the PMBus protocol, as
shown in “PMBus Protocol” on page 20. The supported PMBus
addresses are in 8-bit format (including write and read bit),
shown in Table 5. The least significant bit of the 8-bit address is
for write (0h) and read (1h). PMBus commands are in the range
from 0x00h to 0xFFh. For the ISL68124, Page 0 corresponds to
Output 0 and Page 1 to Output 1. For reference purposes, the
7-bit format addresses are also summarized in Table 5.
The PMBus data formats follow PMBus specification version 1.3
and SMBus version 2.0.
Basic PMBus telemetry commands are summarized in “PMBus
Command Summary” on page 21.
CSx
CSRTNx
Yes
Treat each of the current sense pairs as
differential signals in the PCB layout. They
should be routed side by side on the same
layer. They should not be routed in
proximity to noisy signals like PWM or
Phase. Proper routing of current sense is
perhaps the most critical of all the layout
tasks. Tie to ground when not used.
GND
Yes
This EPAD is the return of PWM output
drivers. Use four or more vias to directly
connect the EPAD to the power ground
plane.
General
Comments
The layer next to the top or bottom layer is
preferred to be ground layers, while the
signal layers can be sandwiched in the
ground layers if possible.
TABLE 4. PIN DESIGN AND/OR LAYOUT CONSIDERATIONS (Continued)
PIN NAME
NOISE
SENSITIVE
DESCRIPTION
TABLE 5. PMBus 8-BIT AND 7-BIT FORMAT ADDRESS (HEX)
8-BIT
7-BIT
8-BIT
7-BIT
8-BIT
7-BIT
8-BIT
7-BIT
80/81
40
A0/A1
50
B0/B1
58
C0/C1
60
82/83
41
A2/A3
51
B2/B3
59
C2/C3
61
84/85
42
A4/A5
52
B4/B5
5A
C4/C5
62
86/87
43
A6/A7
53
B6/B7
5B
C6/C7
63
88/89
44
A8/A9
54
B8/B9
5C
C8/C9
64
8A/8B
45
AA/AB
55
BA/BB
5D
CA/CB
65
8C/8D
46
AC/AD
56
BC/BD
5E
CC/CD
66
8E/8F
47
AE/AF
57
BE/BF
5F
CE/CF
67
FIGURE 26. SIMPLIFIED PMBus INITIALIZATION TIMING DIAGRAM
1.2V
VCC
ENABLE
~30ms
VCCS
INDEFINITELY
PMBus
COMMAND
PMBus
COMMAND
PMBus
COMMAND
PMBus
COMMAND
VOUT
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)
USE PREVIOUS PROGRAMMED
CONFIGURATION FOR STAR-UP AND OPERATION
VCCS
3.3V
POR
PLL
LOCKED
Fac
LOAD
Config
Tel ADC
Initialized
Start-up
Diagnostics
DONE
DONE
Customer
Config
LOAD
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com