Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124IRAZ Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 24Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 25Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 26Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 27Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 24 of 46
June 16, 2017
ON_OFF_CONFIG (02h)
Definition: Configures the interpretation of the OPERATION command and the ENABLE pin (EN).
Paged or Global: Global
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Default Value: 16h (ENABLE pin control)
CLEAR_FAULTS (03h)
Definition: Clears all fault bits in all registers and releases the SALRT pin (if asserted) simultaneously. If a fault condition still exits, the
bit will reassert immediately. This command will not restart a device if it is shut down, it will only clear the faults.
Paged or Global: Global
Data Length in Bytes: 0
Data Format: N/A
Type: Write Only
Default Value: N/A
Units: N/A
COMMAND
ON_OFF_CONFIG (02h)
Format
Bit Field
Bit Position
7
6543210
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0
0000000
BIT NUMBER
PURPOSE
BIT VALUE
MEANING
7:5
Not Used
000
Not used
4:2
Sets the Source of Enable
000
Device always enabled regardless of pin or OPERATION
command state
101
Device starts from Enable pin only
110
Device starts from OPERATION command only
111
Device starts from OPERATION command AND Enable pin
1
Enable Pin Polarity
1
Active high only
0
Enable Pin Turn Off Action
1
Turn off immediately with decay
0
Use programmed TOFF_DELAY and TOFF_FALL settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com