Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68124IRAZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 18 of 46
June 16, 2017
Layout and Design Considerations
In addition to TB379, the following PCB layout and design
strategies are intended to minimize noise coupling and the
impact of board parasitic impedances on converter performance.
In addition, these strategies will optimize the heat dissipating
capabilities of the printed circuit board. This section highlights
some important practices, which should be followed during the
layout process.
Table 4 provides general guidance on best practices related to
pin noise sensitivity. Good engineering judgment is required to
implement designs based on criteria specific to the situation.
FIGURE 23. BLOCK DIAGRAM OF THERMAL MONITORING FUNCTION
TWARN
VCCS
TELEMETRY
CONTROL
TMAX
TEMP
SENSORS
TEMP
MONITOR
ADC
IC
TMONx
DELTA
VBE
FIGURE 24. THERMAL WARNING TO TWARN
LOW OT THRESHOLD
HIGH OT THRESHOLD
PWM
PGOOD
TWARN
PWM
PGOOD
TWARN
HIGH OT THRESHOLD
LOW OT THRESHOLD
FIGURE 25. OVER-TEMPERATURE FAULT
TABLE 4. PIN DESIGN AND/OR LAYOUT CONSIDERATIONS
PIN NAME
NOISE
SENSITIVE
DESCRIPTION
VINSEN
Yes
Connects to the resistor divider between
VIN and GND (see Figure 16 on page 15).
Filter VINSEN with 10nF to GND
RGNDx
VSENx
Yes
Treat each of the remote voltage sense
pairs as differential signals in the PCB
layout. They should be routed side by side
on the same layer. They should not be
routed in proximity to noisy signals like
PWM or Phase. Tie to ground when not
used.
PGx
No
Open-drain. 3.3V maximum pull-up
voltage. Tie to ground when not used.
SCL, SDA,
SALRT
Yes
50kHz to 2MHz signal during
communication, pair up with SALRT and
route carefully. 20 mils spacing within
SDA, SALRT, and SCL; and more than
30 mils to all other signals. Refer to the
SMBus design guidelines and place
proper termination resistance for
impedance matching. Tie to ground when
not used.
TMONx
Yes
When diode sensing is used, VCCS is the
return path for the delta Vbe currents. Use
a separate VCCS route specifically for
diode temp sense. A filter capacitor no
greater than 500pF should be placed
between each TEMP pin and the VCCS pin
near the IC. Tie to ground when not used.
TWARN
No
Open-drain. 3.3V maximum pull-up
voltage.
VCC
Yes
Place at least 2.2µF MLCC decoupling
capacitor directly at the pin.
VCCS
Yes
Place 4.7µF MLCC decoupling capacitor
directly at the pin.
PWMx
NO
Avoid routing near noise sensitive analog
lines such as current sense or voltage
sense.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com