Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 114Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 137 page
background image
114
AT89C51RD2/ED2
4235E–8051–04/04
API Call Description
The IAP allows to reprogram a microcontroller on-chip Flash memory without removing
it from the system and while the embedded application is running.
The user application can call some Application Programming Interface (API) routines
allowing IAP. These API are executed by the bootloader.
To call the corresponding API, the user must use a set of Flash_api routines which can
be linked with the application.
Example of Flash_api routines are available on the Atmel web site on the software appli-
cation note:
C Flash Drivers for the AT89C51RD2/ED2
The API calls description and arguments are shown in Table 76.
Process
The application selects an API by setting R1, ACC, DPTR0 and DPTR1 registers.
All calls are made through a common interface “USER_CALL” at the address FFF0h.
The jump at the USER_CALL must be done by LCALL instruction to be able to come-
back in the application.
Before jump at the USER_CALL, the bit ENBOOT in AUXR1 register must be set.
Constraints
The interrupts are not disabled by the bootloader.
Interrupts must be disabled by user prior to jump to the USER_CALL, then re-enabled
when returning.
Interrupts must also be disabled before accessing EEPROM Data then re-enabled after.
The user must take care of hardware watchdog before launching a Flash operation.
Table 76. API Call Summary
Command
R1
A
DPTR0
DPTR1
Returned Value
Command Effect
READ MANUF ID
00h
XXh
0000h
XXh
ACC = Manufacturer
Id
Read Manufacturer identifier
READ DEVICE ID1
00h
XXh
0001h
XXh
ACC = Device Id 1
Read Device identifier 1
READ DEVICE ID2
00h
XXh
0002h
XXh
ACC = Device Id 2
Read Device identifier 2
READ DEVICE ID3
00h
XXh
0003h
XXh
ACC = Device Id 3
Read Device identifier 3
ERASE BLOCK
01h
XXh
DPH = 00h
00h
ACC = DPH
Erase block 0
DPH = 20h
Erase block 1
DPH = 40h
Erase block 2
Address of
byte to
program
Program one Data Byte in user Flash
XXh
Erase Software boot vector and boot status
byte. (SBV = FCh and BSB = FFh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com