Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 114Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 118Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 119Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 137 page
background image
116
AT89C51RD2/ED2
4235E–8051–04/04
E
lectrical Characteristics
Absolute Maximum Ratings
DC Parameters for Standard Voltage
I = industrial ........................................................-40
°C to 85°C
Storage Temperature .................................... -65
°C to + 150°C
Voltage on VCC to VSS ......................................-0.5V to + 6.5V
VVoltage on Any Pin to VSS .......................-0.5V to VCC + 0.5V
Power Dissipation ........................................................... 1 W
(2)
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
Power dissipation is based on the maximum allow-
able die temperature and the thermal resistance of
the package.
TA = -40°C to +85°C; VSS = 0V;
VCC =2.7V to 5.5V and F = 0 to 40 MHz (both internal and external code execution)
VCC =4.5V to 5.5V and F = 0 to 60 MHz (internal code execution only)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 V
CC - 0.1
V
V
IH
Input High Voltage except RST, XTAL1
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH1
Input High Voltage RST, XTAL1
0.7 V
CC
V
CC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3, 4 (6)
0.3
0.45
1.0
V
V
V
V
CC = 4.5V to 5.5V
I
OL = 100 µA
(4)
I
OL = 1.6 mA
(4)
I
OL = 3.5 mA
(4)
0.45
V
V
CC = 2.7V to 5.5V
I
OL = 0.8 mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.3
0.45
1.0
V
V
V
V
CC = 4.5V to 5.5V
I
OL = 200 µA
(4)
I
OL = 3.2 mA
(4)
I
OL = 7.0 mA
(4)
0.45
V
V
CC = 2.7V to 5.5V
I
OL = 1.6 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3, 4
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
V
CC = 5V ± 10%
I
OH = -10 µA
I
OH = -30 µA
I
OH = -60 µA
0.9 V
CC
V
V
CC = 2.7V to 5.5V
I
OH = -10 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com