Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 114Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 118Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 119Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 120Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 137 page
background image
117
AT89C51RD2/ED2
4235E–8051–04/04
Notes:
1. Operating I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 55), VIL =
V
SS + 0.5V, VIH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used
(see Figure 52).
2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC -
0.5V; XTAL2 N.C; Port 0 = VCC; EA = RST = VSS (see Figure 53).
3. Power-down ICC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 54).
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the V
OLS of ALE and Ports 1
and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100 pF), the noise pulse on the ALE line may exceed
0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not necessary.
5. Typical values are based on a limited number of samples and are not guaranteed. The values listed are at room temperature
and 5V.
6. Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
VOH1
Output High Voltage, port 0, ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
VCC = 5V ± 10%
IOH = -200 µA
IOH = -3.2 mA
IOH = -7.0 mA
0.9 VCC
V
VCC = 2.7V to 5.5V
IOH = -10 µA
RRST
RST Pull-down Resistor
50
200
(5)
250
k
Ω
IIL
Logical 0 Input Current ports 1, 2, 3, 4 and 5
-50
µAV
IN = 0.45V
ILI
Input Leakage Current
±10
µA
0.45V < VIN < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4
-650
µAV
IN = 2.0V
C
IO
Capacitance of I/O Buffer
10
pF
FC = 3 MHz
T
A = 25°C
I
PD
Power-down Current
75
150
µA2.7 < V
CC < 5.5V
(3)
I
CCOP
Power Supply Current on normal mode
0.4 x Frequency (MHz) + 5
mA
V
CC = 5.5V
(1)
I
CCIDLE
Power Supply Current on idle mode
0.3 x Frequency (MHz) + 5
mA
V
CC = 5.5V
(2)
I
CCWRITE
Power Supply Current on flash or EEdata write
0.8 x Frequency (MHz) + 15
mA
V
CC = 5.5V
t
WRITE
Flash or EEdata programming time
7
17
ms
2.7 < V
CC < 5.5V
TA = -40°C to +85°C; VSS = 0V;
VCC =2.7V to 5.5V and F = 0 to 40 MHz (both internal and external code execution)
VCC =4.5V to 5.5V and F = 0 to 60 MHz (internal code execution only) (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com