Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL8176FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 3 of 16
January 6, 2015
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS) and Power-up Ramp Rate. . . . . . . . . . . . 5.75V, 1V/µs
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Current into IN+, IN-, and EN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Thermal Resistance (Typical, Note 5)
JA (°C/W)
6 Ld SOT-23 Package. . . . . . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld SO Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
Ambient Operating Temperature Range . . . . . . . . . . . . . -40°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
5.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open,VEN = 0V, TA = +25°C, unless otherwise specified. Boldface limits
apply across the operating temperature range, -40°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNITS
DC SPECIFICATIONS
VOS
Input Offset Voltage
8 Ld SO
-100
±
25
100
µV
-220
220
µV
6 Ld SOT-23
-350
±
80
350
µV
-350
350
µV
Long Term Input Offset Voltage Stability
2.4
µV/Mo
Input Offset Drift vs Temperature
0.7
µV/°C
IOS
Input Offset Current
-1
±0.4
1
nA
-4
4
nA
IB
Input Bias Current
-2
±0.5
2
nA
-5
5
nA
CMIR
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Common-mode Rejection Ratio
VCM = 0V to 5V
90
110
dB
90
dB
PSRR
Power Supply Rejection Ratio
VS = 2.4V to 5.5V
90
110
dB
90
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100kΩ
200
500
V/mV
200
V/mV
VO = 0.5V to 4.5V, RL = 1kΩ
25
V/mV
VOUT
Maximum Output Voltage Swing
VOL; Output low, RL = 100kΩ
38
mV
10
mV
VOL; Output low, RL = 1kΩ
130
200
mV
300
mV
VOH; Output high, RL = 100kΩ
4.994
4.997
V
4.992
V
VOH; Output high, RL = 1kΩ
4.750
4.867
V
4.7
V
IS, ON
Supply Current, Enabled
VEN = 5V
35
55
75
µA
30
90
µA
IS, OFF
Supply Current, Disabled
VEN = 0V
310
µA
10
µA
VOS
Time
-------------------
VOS
T
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com