Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL8176FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 6 of 16
January 6, 2015
FIGURE 7. GAIN vs FREQUENCY vs RL
FIGURE 8. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 9. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
FIGURE 10. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
FIGURE 11. GAIN vs FREQUENCY vs CL
FIGURE 12. CMRR vs FREQUENCY; V+, V- = ±2.5V
Typical Performance Curves (Continued)
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
100
1k
10k
100k
1M
10M
10
FREQUENCY (Hz)
-8
RL = 10k
V+ = 5V
AV = +1
VOUT = 10mVP-P
CL = 8.3pF
RL = 100k
RL = 1k
100
1k
10k
100k
1M
10M
10
-10
0
10
20
30
40
50
60
70
AV = 1
AV = 101
AV = 1001
FREQUENCY (Hz)
AV = 1, Rg = INF, Rf = 0
AV = 10
AV = 10, Rg = 1k, Rf = 9.09k
V+ = 5V
VOUT = 10mVP-P
CL = 8.3pF
RL = 10k
AV = 101, Rg = 1k, Rf = 100k
AV = 1001, Rg = 1k, Rf = 1M
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
1k
10k
100k
1M
10M
FREQUENCY (Hz)
V+ = 2.5V
RL = 10k
AV = +1
VOUT = 10mVP-P
CL = 8.3pF
V+ = 5V
V+ = 2V
0
5
10
15
20
25
30
35
40
45
100
1k
10k
100k
1M
FREQUENCY (Hz)
V+ = 2.5V
RL = 10k
AV = 100
VOUT = 10mVP-P
CL = 8.3pF
Rf = 221kΩ
Rg = 2.23kΩ
V+ = 5V
V+ = 2V
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
FREQUENCY (Hz)
CL = 64.3pF
CL = 47.3pF
CL = 8.3pF
V+ = 5V
RL = 10k
AV = +1
VOUT = 10mVP-P
1k
10k
100k
1M
10M
CL = 35.3pF
CL = 26.3pF
-120
-100
-80
-60
-40
-20
0
20
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
V+ = 5V
RL = OPEN
AV = +1
VCM = 1VP-P
CL = 8.3pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com