Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL8176FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 5 of 16
January 6, 2015
Typical Performance Curves
FIGURE 1. AVOL vs FREQUENCY AT 1kΩ LOAD
FIGURE 2. AVOL vs FREQUENCY AT 100kΩ LOAD
FIGURE 3. GAIN vs FREQUENCY vs FEEDBACK RESISTOR
VALUES Rf/Rg
FIGURE 4. GAIN vs FREQUENCY vs VOUT, RL = 1k
FIGURE 5. GAIN vs FREQUENCY vs VOUT, RL = 10k
FIGURE 6. GAIN vs FREQUENCY vs VOUT, RL = 100k
PHASE
GAIN
-20
0
20
40
60
80
100
10
100
1k
10k
100M
1M
FREQUENCY (Hz)
-150
-50
50
100
150
200
0
-100
-120
-40
80
0
-80
40
1
10
100
10k
100k
1M
10M
1k
-80
-40
0
40
80
120
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
FREQUENCY (Hz)
Rf = Rg= 1k
Rf = Rg= 10k
Rf = Rg = 100k
V+ = 5V
RL = 10k
AV = +2
VOUT = 10mVP-P
CL = 8.3pF
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
100
1k
10k
100k
1M
10M
10
FREQUENCY (Hz)
VOUT = 100mV
VOUT = 10mV
VOUT = 50mV
VOUT = 1V
V+ = 5V
RL = 1k
AV = +1
CL = 8.3pF
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
100
1k
10k
100k
1M
10M
10
FREQUENCY (Hz)
-8
VOUT = 50mV
VOUT = 100mV
VOUT = 10mV
VOUT = 1V
V+ = 5V
RL = 10k
AV = +1
CL = 8.3pF
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
100
1k
10k
100k
1M
10M
10
FREQUENCY (Hz)
-8
VOUT = 50mV
VOUT = 100mV
VOUT = 10mV
VOUT = 1V
V+ = 5V
RL = 100k
AV = +1
CL = 8.3pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com