Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL8176FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 10Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 11Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 8 of 16
January 6, 2015
FIGURE 19. SMALL SIGNAL STEP RESPONSE
FIGURE 20. ENABLE TO OUTPUT RESPONSE
FIGURE 21. INPUT OFFSET VOLTAGE vs COMMON-MODE INPUT
VOLTAGE
FIGURE 22. INPUT OFFSET CURRENT vs COMMON-MODE INPUT
VOLTAGE
FIGURE 23. INPUT OFFSET VOLTAGE vs OUTPUT VOLTAGE
FIGURE 24. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
-2
0
2
4
6
8
10
12
0
50
100
150
200
250
300
350
400
TIME (µs)
V+, V- = ±2.5V
RL = 10k
Rg = Rf = 10k
AV = 2
CL = 8.3pF
VOUT = 10mVP-P
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100 120 140 160 180 200
TIME (µs)
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
V+, V- = ±2.5V
Rg = Rf = RL = 10k
AV = +2
VOUT = 2VP-P
CL = 8.3pF
VENABLE
VOUT
-100
-80
-60
-40
-20
0
20
40
60
80
100
-0.5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VCM (V)
V+, V- = ±2.5V
Rg = 100
AV = +11
VOUT = 2VP-P
CL = 8.3pF
Rf = 10k
RL = INF
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-0.5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VCM (V)
V+, V- = ±2.5V
Rg = 100
AV = +11
VOUT = 2VP-P
CL = 8.3pF
Rf = 10k
RL = INF
VCM = VDD/2
AV = -1
VDD = 5V
VDD = 2.5V
200
150
100
50
0
-50
-100
-150
-200
OUTPUT VOLTAGE (V)
0
1
2
345
60
50
40
30
20
10
0
2.0
2.5
3.5
4.0
4.5
5.5
3.0
5.0
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com