Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL8176FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 10Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 11Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 12Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 9 of 16
January 6, 2015
FIGURE 25. SUPPLY CURRENT vs TEMPERATURE VS = ±2.5V
ENABLED. RL = INF
FIGURE 26. DISABLED SUPPLY CURRENT vs TEMPERATURE
VS = ±2.5V RL= INF
FIGURE 27. IBIAS (+) vs TEMPERATURE VS = ±2.5V
FIGURE 28. IBIAS (+) vs TEMPERATURE VS = ±1.2V
FIGURE 29. IBIAS (-) vs TEMPERATURE VS = ±2.5V
FIGURE 30. IBIAS (-) vs TEMPERATURE VS = ±1.2V
Typical Performance Curves (Continued)
45
50
55
60
65
70
75
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
0
1
2
3
4
5
6
7
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
-0.5
0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
204060
80
100
120
TEMPERATURE (°C)
n = 12
MEDIAN
MIN
MAX
-0.5
0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MEDIAN
MAX
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com