Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL8176FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 4 of 16
January 6, 2015
IO+
Short Circuit Output Sourcing Current
RL = 10Ω
18
31
mA
18
mA
IO-
Short Circuit Output Sinking Current
RL = 10Ω
17
26
mA
15
mA
VS
Supply Voltage
Guaranteed by PSRR test
2.4
5.5
V
2.4
5.5
V
VINH
Enable Pin High Level
2
V
VINL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.25
0.7
2.0
µA
2.5
µA
IENL
Enable Pin Input Current
VEN = 0V
-0.5
0
+0.5
µA
-1
+1
µA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
AV = 100, Rf = 100kΩRL = 10kΩ
Rg =1kΩto VCM
400
kHz
Unity Gain
Bandwidth
-3dB Bandwidth
AV = 1, Rf = 0ΩRL = 100kΩto VCM
VOUT = 10mVP-P
1MHz
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz,
RL = 10kΩto VCM
1.5
µVP-P
Input Noise Voltage Density
fO = 1kHz
28
nV/
Hz
iN
Input Noise Current Density
fO = 1kHz
0.16
pA/
Hz
ISO
Off-State Input to Output Isolation
VEN = 5V, fO = 1kHz, AV = +1, VIN = 1VP-P
-73
dB
CMRR
Input Common Mode Rejection Ratio
fO = 120Hz; VCM = 1VP-P
-70
dB
PSRR+
Power Supply Rejection Ratio (V+)fO = 120Hz; V+, V- = ±2.5V, VSOURCE =1VP-P
-90
dB
PSRR-
Power Supply Rejection Ratio (V-)fO = 120Hz; V+, V- = ±2.5V, VSOURCE =1VP-P
-70
dB
TRANSIENT RESPONSE
SR
Slew Rate
±
0.065
±
0.13
±
0.3
V/µs
tr, tf, Large
Signal
Rise Time, 10% to 90%, VOUT
AV = +2, VOUT = 2VP-P, Rg = Rf = RL = 10kΩto
VCM
18
µs
Fall Time, 90% to 10%, VOUT
AV = +2, VOUT = 2VP-P, Rg = Rf = RL = 10kΩto
VCM
19
µs
tr, tf, Small
Signal
Rise Time, 10% to 90%, VOUT
AV = +2, VOUT = 10mVP-P,
Rg = Rf = RL = 10kΩto VCM
2.4
µs
Fall Time, 90% to 10%, VOUT
AV = +2, VOUT = 10mVP-P,
Rg = Rf = RL = 10kΩto VCM
2.4
µs
tEN
Enable to Output Turn-on Delay Time, 10% EN
to 10% VOUT
VEN = 5V to 0V, AV = +2,
Rg = Rf = RL = 10kΩto VCM
4µs
Enable to Output Turn-off Delay Time, 10%
EN to 10% VOUT
VEN = 0V to 5V, AV = +2,
Rg = Rf = RL = 10kΩto VCM
0.1
µs
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open,VEN = 0V, TA = +25°C, unless otherwise specified. Boldface limits
apply across the operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com