Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL8176FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 2 of 16
January 6, 2015
Pin Descriptions
SO PIN
NUMBER
SOT-23 PIN
NUMBER
PIN
NAME
Equivalent
Circuit
DESCRIPTION
1, 5
NC
No internal connection
2
4
IN-
Circuit 1
Amplifier’s inverting input
3
3
IN+
Circuit 1
Amplifier’s non-inverting input
4
2
V-
Circuit 4
Negative power supply
6
1
OUT
Circuit 3
Amplifier’s output
7
6
V+
Circuit 4
Positive power supply
85
EN
Circuit 2
Amplifier’s enable pin with internal pull-down; Logic “1” selects the disabled
state; Logic “0” selects the enabled state.
EN
OUT
CIRCUIT 3
CIRCUIT 2
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
V+
V+
V+
V-
V-
V-
IN+
IN-
V+
V-
CIRCUIT 1
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
EL8176FSZ
8176FSZ
8 Ld SO
M8.15E
EL8176FSZ-T7 (Note 1)
8176FSZ
8 Ld SO
M8.15E
EL8176FWZ-T7 (Note 1, 4)
BBVA
6 Ld SOT-23
P6.064A
EL8176FWZ-T7A (Note 1, 4)
BBVA
6 Ld SOT-23
P6.064A
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for EL8176. For more information on MSL, please see tech brief TB363.
4. The part marking is located on the bottom of the parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com