Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 10Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 11Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 12Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 13Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 14Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 15Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 13 of 16
January 6, 2015
Input Bias Current Compensation
The input bias currents as low as 500pA are achieved while
maintaining an excellent bandwidth for a micro-power
operational amplifier. Inside the EL8176 is an input bias
canceling circuit. The input stage transistors are still biased with
an adequate current for speed but the canceling circuit sinks
most of the base current, leaving a small fraction as input bias
current. The input bias current compensation/cancellation is
stable from -40°C to +125°C and operates from typically 10mV
to the positive supply rail.
Rail-to-Rail Output
A pair of complementary MOSFET devices achieves rail-to-rail output
swing. The NMOS sinks current to swing the output in the negative
direction. The PMOS sources current to swing the output in the
positive direction. The EL8176 with a 100kΩ load will swing to within
3mV of the supply rails.
Enable/Disable Feature
The EL8176 offers an EN pin. The active low EN pin disables the
device when pulled up to at least 2.0V. When disabled, the output
is in a high impedance state and the part consumes typically
3µA. When disabled, the high impedance output allows multiple
parts to be MUXed together. When configured as a MUX, the
outputs are tied together in parallel and a channel can be
selected by pulling the EN pin to 0.8V or lower. The EN pin has an
internal pull-down. If left open or floating, the EN pin will
internally be pulled low, enabling the part by default.
Proper Layout Maximizes Performance
To achieve the maximum performance of the high input
impedance and low offset voltage of the EL8176, care should be
taken in the circuit board layout. The PC board surface must
remain clean and free of moisture to avoid leakage currents
between adjacent traces. Surface coating of the circuit board will
reduce surface moisture and provide a humidity barrier, reducing
parasitic resistance on the board. The use of guard rings around
the amplifier inputs will further reduce leakage currents.
Figure 46 shows how the guard ring should be configured and
Figure 47 shows the top view of how a surface mount layout can
be arranged. The guard ring does not need to be a specific width,
but it should form a continuous loop around both inputs. By
setting the guard ring voltage equal to the voltage at the
non-inverting input, parasitic capacitance is minimized as well.
For further reduction of leakage currents, components can be
mounted to the PC board using Teflon standoff insulators.
Typical Applications
Thermocouples are the most popular temperature-sensing
device because of their low cost, interchangeability and ability to
measure a wide range of temperatures. The EL8176 is used to
convert the differential thermocouple voltage into single-ended
signal with 10x gain. The EL8176's rail-to-rail input characteristic
allows the thermocouple to be biased at ground and the
converter to run from a single 5V supply.
4
3
1
EL8176
IN
V+
FIGURE 46.
HIGH IMPEDANCE INPUT
6
5
2
FIGURE 47.
-
+
5V
+
V+
V-
EL8176
k TYPE
THERMOCOUPLE
10kΩ
R3
10kΩ
R2
R4
100kΩ
R1
100kΩ
410µV/°C
FIGURE 48. THERMOCOUPLE AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com