Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8363ACPZ-R2
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8363ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
AD8363
Data Sheet
EVALUATION AND CHARACTERIZATION CIRCUIT
BOARD LAYOUTS
Figure 57 to Figure 61 show the evaluation board for the AD8363.
TEMP
VPOS
C9
0.1µF
C8
OPEN
8
7
6
5
VSET
VOUT
VOUT
C10
0.1µF
C6
OPEN
TCM1
VPOSC
13
14
15
16
C5
100pF
VPOS
R10
845Ω
R11
1.4kΩ
C7
0.1µF
12
11
10
9
1
2
3
GND
4
C3
OPEN
C4
100pF
C12
0.1µF
C11
OPEN
C13
0.1µF
PADDLE
AGND
NC
INHI
INLO
TCM1
TEMP
VSET
VOUT
CLPF
AD8363
DUT1
VPOS1
TCM2/PWDN
VREFC
R16
0Ω
R5
0Ω
R2
OPEN
R14
0Ω
R8
0Ω
R13
OPEN
R1
0Ω
R6
0Ω
R9
OPEN
R18
OPEN
R17
OPEN
R12
OPEN
VREFC
IN
R7
0Ω
R15
0Ω
VREF
VTGT
GNDI
Figure 57. Evaluation Board Schematic
Rev. B | Page 26 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com