Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8363ACPZ-R2
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8363ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet
AD8363
Table 6. Evaluation Board Configuration Options
Component
Function/Notes
Default Value
C6, C10,
C11, C12
Input. The AD8363 is single-ended driven. At frequencies ≤2.6 GHz, the best dynamic range is achieved by
driving Pin 14 (INHI). When driving INHI, populate C10 and C12 with an appropriate capacitor value for the
frequency of operation and leave C6 and C11 open. For frequencies >2.6 GHz, additional dynamic range
can be achieved by driving Pin 15 (INLO). When driving INLO, populate C6 and C11 with an appropriate
capacitor value for the frequency of operation and leave C10 and C12 open.
C6 = open,
C10 = 0.1 µF,
C11 = open
C12 = 0.1 µF
R7, R8, R10,
R11
VTGT. R10 and R11 are set up to provide 1.4 V to VTGT from VREF. If R10 and R11 are removed, an external
voltage can be used. Alternatively, R7 and R11 can be used to form a voltage divider for an external
reference.
R7 = 0 Ω,
R8 = 0 Ω,
R10 = 845 Ω,
R11 = 1.4 kΩ
C4, C5, C7,
C13, R14, R16
Power Supply Decoupling. The nominal supply decoupling consists of a 100 pF filter capacitor placed
physically close to the AD8363, a 0 Ω series resistor, and a 0.1 µF capacitor placed close to the power
supply input pin. The 0 Ω resistor can be replaced with a larger resistor to add more filtering; however, it is
at the expense of a voltage drop.
C4 = 100 pF,
C5 = 100 pF,
C7 = 0.1µF,
C13 = 0.1µF,
R14 = 0 Ω,
R16 = 0 Ω
R1, R2, R6,
R13, R15
Output Interface (Default Configuration) in Measurement Mode. In this mode, a portion of the output
voltage is fed back to the VSET pin via R6. Using the voltage divider created by R2 and R6, the magnitude
of the slope at VOUT is increased by reducing the portion of VOUT that is fed back to VSET. If a fast
responding output is expected, the 0 Ω resistor (R15) can be removed to reduce parasitics on the output.
R1 = 0 Ω,
R2 = open,
R6 = 0 Ω,
R13 = open,
R15 = 0 Ω
Output Interface in Controller Mode. In this mode, R6 must be open and R13 must have a 0 Ω resistor. In
controller mode, the AD8363 can control the gain of an external component. A setpoint voltage is applied
to the VSET pin, the value of which corresponds to the desired RF input signal level applied to the AD8363.
If a fast responding output is expected, the 0 Ω resistor (R15) can be removed to reduce parasitics on the output.
C8, C9, R5
Low-Pass Filter Capacitors, CLPF. The low-pass filter capacitors reduce the noise on the output and affect the
pulse response time of the AD8363. This capacitor should be as large as possible. The smallest CLPF capacitance
should be 390 pF. R5, when set to a value other than 0 Ω, is used in conjunction with C8 and C9 to modify
the loop transfer function and change the loop dynamics in controller mode.
C8 = open,
C9 = 0.1 µF,
R5 = 0 Ω
C3
CHPF Capacitor. The CHPF capacitor introduces a high-pass filter affect into the AD8363 transfer function and
can also affect the response time. The CHPF capacitor should be as small as possible and connect to VPOS
when used. No capacitor is needed for input frequencies greater than 10 MHz.
C3 = open
R9, R12
TCM2/PWDN. The TCM2/PWDN pin controls the amount of nonlinear intercept temperature compensation
and/or shuts down the device. The evaluation board is configured to control this from a test loop, but VREF
can also be used by the voltage divider created by R9 and R12.
R9 = open,
R12 = open
R17, R18
TCM1. TCM1 controls the temperature compensation (5 kΩ impedance). The evaluation board is configured to
control this from a test loop, but VREF can also be used by the voltage divider created by R17 and R18. Due
to the relatively low impedance of the TCM1 pin and the limited current of the VREF pin, care should be
taken when choosing the R17 and R18 values.
R17 = open,
R18 = open
Paddle
Connect the paddle to both a thermal and electrical ground.
Rev. B | Page 27 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com