Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8363ACPZ-R2
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8363ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AD8363
Data Sheet
Rev. B | Page 20 of 29
4
5
6
3
2
1
0
3
2
1
0
–3
–1
–2
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INHI INPUT
VTCM1 = 0.52V, VTCM2 = 0.6V
–40°C
+25°C
+85°C
+125°C
Figure 46. VOUT and Log Conformance Error vs. Input Amplitude at 2.14 GHz,
−40°C to +125°C
OUTPUT VOLTAGE SCALING
The output voltage range of the AD8363 (nominally 0 V to
3.5 V) can be easily increased or decreased. There are a number
of situations where adjustment of the output scaling makes
sense. For example, if the AD8363 is driving an analog-to-
digital converter (ADC) with a 0 V to 5 V input range, it makes
sense to increase the detector’s nominal maximum output
voltage of 3.5 V so that it is closer to 5 V. This makes better use
of the input range of the ADC and maximizes the resolution of
the system in terms of bits/dB.
If only a part of the RF input power range of the AD8363 is
being used (for example, −10 dBm to −40 dBm), it may make
sense to increase the scaling so that this reduced input range fits
into the available output swing of the AD8363 (0 V to 4.8 V).
The output swing can be reduced by adding a voltage divider on
the output pin, as shown in Figure 47 (with VOUT connected
directly to VSET and a resistor divider on VOUT). Figure 47
also shows how the output voltage swing can be increased using
a technique that is analogous to setting the gain of an op amp in
noninverting mode. With the VSET pin being the equivalent of
the inverting input of the op amp, a resistor divider is connected
between VOUT and VSET.
6
7
VSET
R1
R2
VOUT
6
7
VSET
R1
R2
VOUT
Figure 47. Decreasing and Increasing Slope
Equation 17 is the general function that governs this.


1
)
||
(
'
O
O
IN
V
V
R
R2
R1
(17)
where:
VO is the nominal maximum output voltage (see Figure 4
through Figure 18).
V'O is the new maximum output voltage (for example, up to
4.8 V).
RIN is the VSET input resistance (72 kΩ).
When choosing R1 and R2, attention must be paid to the
current drive capability of the VOUT pin and the input
resistance of the VSET pin. The choice of resistors should not
result in excessive current draw out of VOUT. However, making
R1 and R2 too large is also problematic. If the value of R2 is
compatible with the 72 kΩ input resistance of the VSET input,
this input resistance, which varies slightly from device to device,
contributes to the resulting slope and output voltage. In general,
the value of R2 should be at least ten times smaller than the
input resistance of VSET. Values for R1 and R2 should, therefore,
be in the 1 kΩ to 5 kΩ range.
It is also important to take into account device-to-device and
frequency variation in output swing along with the AD8363
output stage’s maximum output voltage of 4.8 V. The VOUT
distribution is well characterized at the bands of major
frequencies in the Typical Performance Characteristics section
(Figure 3 to Figure 18).
OFFSET COMPENSATION, MINIMUM CLPF, AND
MAXIMUM CHPF CAPACITANCE VALUES
An offset-compensation loop is used to eliminate small dc
offsets within the internal VGA as shown in Figure 48. The
high-pass corner frequency of this loop is set to about 1 MHz
using an on-chip 25 pF capacitor. Because input signals that are
below 1 MHz are interpreted as unwanted offset voltages, this
restricts the operating frequency range of the device. To operate the
AD8363 at lower frequencies (than 1 MHz), the high-pass corner
frequency must be reduced by connecting a capacitor between
CHPF and VPOS.
Internal offset voltages vary depending on the gain at which the
VGA is operating and, therefore, on the input signal amplitude.
When a large CHPF value is used, the offset correction process can
lag the more rapid changes in the gain of the VGA, which can
increase the time required for the loop to fully settle for a given
steady input amplitude. This can manifest itself in a jumpy,
seemingly oscillatory response of the AD8363.
Care should therefore be taken in choosing CHPF and CLPF
because there is a potential to create oscillations. In general, make
the capacitance on the CLPF pin as large as possible; there is no
maximum on the amount of capacitance that can be added to
this pin. At high frequencies, there is no need for an external
capacitor on the CHPF pin; therefore, the pin can be left open.
However, when trying to get a fast response time and/or when
working at low frequencies, extra care in choosing the proper
capacitance values for CHPF and CLPF is prudent. With the gain
control pin (VSET) connected to VOUT, VSET can slew at a rate
determined by the on-chip squaring cell and CLPF. When VSET is
changing with time, the dc offsets in the VGA also vary with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com