Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8363ACPZ-R2
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8363ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD8363
Data Sheet
Rev. B | Page 16 of 29
TEMPERATURE SENSOR INTERFACE
The AD8363 provides a temperature sensor output with an
output voltage scaling factor of approximately 5 mV/°C. The
output is capable of sourcing 4 mA and sinking 50 μA maximum at
temperatures at or above 25°C. If additional current sink capability
is desired, an external resistor can be connected between the
TEMP and COMM pins. The typical output voltage at 25°C is
approximately 1.4 V.
TEMP
VPOS
COMM
INTERNAL
VPAT
12kΩ
4kΩ
Figure 35. TEMP Interface Simplified Schematic
VREF INTERFACE
The VREF pin provides an internally generated voltage reference.
The VREF voltage is a temperature stable 2.3 V reference that is
capable of sourcing 4 mA and sinking 50 μA maximum at
temperatures at or above 25°C. An external resistor can be
connected between the VREF and COMM pins to provide
additional current sink capability. The voltage on this pin can be
used to drive the TCM1, TCM2/PWDN, and VTGT pins, if desired.
INTERNAL
VOLTAGE
16kΩ
VREF
VPOS
COMM
Figure 36. VREF Interface Simplified Schematic
TEMPERATURE COMPENSATION INTERFACE
Proprietary techniques are used to maximize the temperature
stability of the AD8363. For optimal performance, the output
temperature drift must be compensated for using the TCM1 and
TCM2/PWDN pins. The absolute value of compensation varies
with frequency and VTGT. Table 4 shows the recommended voltages
for the TCM1 and TCM2/PWDN pins to maintain the best
temperature drift error over the rated temperature range (−40°C <
TA < 85°C) when driven single-ended and using a VTGT = 1.4 V.
Table 4. Recommended Voltages for TCM1 and TCM2/PWDN
Frequency
TCM1 (V)
TCM2/PWDN (V)
100 MHz
0.47
1.0
900 MHz
0.5
1.2
1.9 GHz
0.52
0.51
2.14 GHz
0.52
0.6
2.6 GHz
0.54
1.1
3.8 GHz
0.56
1.0
5.8 GHz
0.88
1.0
The values in Table 4 were chosen to give the best drift
performance at the high end of the usable dynamic range over
the −40°C to +85°C temperature range.
Compensating the device for the temperature drift using TCM1
and TCM2/PWDN allows for great flexibility and the user may
wish to modify these values to optimize for another amplitude
point in the dynamic range, for a different temperature range,
or for an operating frequency other than those shown in Table 4.
To find a new compensation point, VTCM1 and VTCM2 can be
swept while monitoring VOUT over the temperature at the
frequency and amplitude of interest. The optimal voltages for
VTCM1 and VTCM2 to achieve minimum temperature drift at a given
power and frequency are the values of VTCM1 and VTCM2 where
VOUT has minimum movement. See the AD8364 and ADL5513
data sheets for more information.
Varying VTCM1 and VTCM2 has only a very slight effect on VOUT at
device temperatures near 25°C; however, the compensation circuit
has more and more effect, and is more and more necessary for
best temperature drift performance, as the temperature departs
farther from 25°C.
Figure 37 shows the effect on temperature drift performance at
25°C and 85°C as VTCM1 is varied but VTCM2 is held constant at 0.6 V.
3
2
1
0
–1
–2
–3
–60
–50
–40
–30
–20
–10
0
10
RFIN (dBm)
25°C
85°C
VTCM1 = 0.62V
VTCM1 = 0.42V
Figure 37. Error vs. Input Amplitude over Stepped VTCM1 Values,
25oC and 85oC, 2.14 GHz, VTCM2 = 0.6 V
TCM1 primarily adjusts the intercept of the AD8363 at
temperature. In this way, TCM1 can be thought of as a coarse
adjustment to the compensation. Conversely, TCM2 performs a
fine adjustment. For this reason, it is advised that when searching
for compensation with VTCM1 and VTCM2, that VTCM1 be adjusted
first, and when best performance is found, VTCM2 can then be
adjusted for optimization.
It is evident from Figure 37 that the temperature compensation
circuit can be used to adjust for the lowest drift at any input
amplitude of choice. Though not shown in Figure 37, a similar
analysis can simultaneously be performed at −40°C, or any
other temperature within the operating range of the AD8363.
Performance varies slightly from device to device; therefore,
optimal VTCM1 and VTCM2 values must be arrived at statistically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com