Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8363ACPZ-R2
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8363ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AD8363
Data Sheet
Rev. B | Page 14 of 29
THEORY OF OPERATION
The computational core of the AD8363 is a high performance
AGC loop. As shown in Figure 33, the AGC loop comprises a
wide bandwidth variable gain amplifier (VGA), square law
detectors, an amplitude target circuit, and an output driver. For
a more detailed description of the functional blocks, see the
AD8362 data sheet.
The nomenclature used in this data sheet to distinguish
between a pin name and the signal on that pin is as follows:
The pin name is all uppercase (for example, VPOS,
COMM, and VOUT).
The signal name or a value associated with that pin is the
pin mnemonic with a partial subscript (for example, CLPF,
CHPF, and VOUT).
SQUARE LAW DETECTOR AND AMPLITUDE TARGET
The VGA gain has the form
GSET = GO exp(−VSET/VGNS)
(1)
where:
GO is the basic fixed gain.
VGNS is a scaling voltage that defines the gain slope (the decibel
change per voltage). The gain decreases with increasing VSET.
The VGA output is
VSIG = GSET × RFIN = GO × RFIN exp(VSET/VGNS)
(2)
where RFIN is the ac voltage applied to the input terminals of the
AD8363.
The output of the VGA, VSIG, is applied to a wideband square
law detector. The detector provides the true rms response of the
RF input signal, independent of waveform. The detector output,
ISQR, is a fluctuating current with positive mean value. The
difference between ISQR and an internally generated current,
ITGT, is integrated by CF and the external capacitor attached to
the CLPF pin at the summing node. CF is an on-chip 25 pF filter
capacitor, and CLPF, the external capacitance connected to the
CLPF pin, can be used to arbitrarily increase the averaging time
while trading off with the response time. When the AGC loop is
at equilibrium
Mean(ISQR) = ITGT
(3)
This equilibrium occurs only when
Mean(VSIG2) = VTGT2
(4)
where VTGT is the voltage presented at the VTGT pin. This pin
can conveniently be connected to the VREF pin through a voltage
divider to establish a target rms voltage VATG of ~70 mV rms, when
VTGT = 1.4 V.
Because the square law detectors are electrically identical and
well matched, process and temperature dependent variations
are effectively cancelled.
TCM1
TCM2/PWDN
BAND GAP
REFERENCE
COMM
VOUT
TEMP (1.4V)
VREF (2.3V)
ISQR
ITGT
X2
X2
GSET
CH
(INTERNAL)
CHPF
(EXTERNAL)
CLPF
(EXTERNAL)
CF
(INTERNAL)
VSIG
VGA
SUMMING
NODE
VSET
CHPF
VPOS
INHI
INLO
TEMPERATURE COMPENSATION
AND BIAS
TEMPERATURE
SENSOR
VTGT
CLPF
VATG =
VTGT
20
Figure 33. Simplified Architecture Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com