Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8363ACPZ-R2
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8363ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AD8363
Data Sheet
Rev. B | Page 24 of 29
In general, CLPF should be chosen to provide stable loop operation
for the complete output power control range. If the slope (in
dB/V) of the gain control transfer function of the VGA is not
constant, CLPF must be chosen to guarantee a stable loop when
the gain control slope is at its maximum. In addition, CLPF must
provide adequate averaging to the internal low range squaring
detector so that the rms computation is valid. Larger values of CLPF
tend to make the loop less responsive.
The relationship between VSET and the RF input follows the
measurement mode behavior of the device. For example, Figure 4
shows the measurement mode transfer function at 900 MHz
and that an input power of −10 dBm yields an output voltage of
approximately 2.5 V. Therefore, in controller mode, if VSET is
2.5 V, the AD8363 output would go to whatever voltage is
necessary to set the AD8363 input power to −10 dBm.
CONSTANT OUTPUT POWER OPERATION
In controller mode, the AD8363 can be used to hold the output
power of a VGA stable over a broad temperature/input power
range. This is useful in topologies where a transmit card is driving
an HPA, or when connecting any two power sensitive modules
together.
Figure 54 shows a schematic of a circuit setup that holds the output
power to approximately −26 dBm at 2.14 GHz, when the input
power is varied over a 40 dB dynamic range. Figure 55 shows
the results. A portion of the output power is coupled off using a
10 dB directional coupler, and it is then fed into the AD8363.
VSET is fixed at 0.95 V, which forces to AD8363 output voltage to
control the ADL5330 so that the input to the AD8363 is
approximately −36 dBm.
If the AD8363 was in measurement mode and a −36 dBm input
power is applied, the output voltage would be 0.95 V. A general-
purpose, rail-to-rail op amp (AD8062) is used to invert the slope
of the AD8363 so that the gain of the ADL5330 decreases as
the AD8363 control voltage increases. The output power is
controlled to a 10 dB higher power level than that seen by
the AD8363 due to the coupler. The high-end power is limited
by the linearity of the VGA (ADL5330) with high attenuation
and can be increased by using a higher linearity VGA.
The low end power is limited by the maximum gain of the VGA
(ADL5330) and can be increased by using a VGA with more
gain. The temperature performance is directly related to the
temperature performance of the AD8363 at 2.14 GHz and
−26 dBm, using TCM1 = 0.52 V and TCM2 = 0.6 V. All other
temperature variations are removed by the AD8363.
T1
T2
C5
100pF
C6
100pF
C11
100pF
C12
100pF
C10
0.1µF
C12
0.1µF
C9
0.1µF
PIN
INHI
INLO
OPHI
OPLO
GAIN
ADL5330
POUT
10dB
COUPLER
AD8062
10kΩ
10kΩ
10kΩ
10kΩ
5V
0.95V
0.6V
0.52V
INHI
TCM1
TCM2
VSET
VOUT
CLPF
INLO
AD8363
Figure 54. Constant Power Circuit
–25.0
–25.5
–26.0
–26.5
–27.0
–27.5
–28.0
–40
–35
–30
–25
–20
–15
–10
–5
0
PIN (dBm)
–20°C
–40°C
+85°C
+25°C
0°C
Figure 55. Performance of the Circuit Shown in Figure 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com