Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8363ACPZ-R2
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8363ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data Sheet
AD8363
Rev. B | Page 19 of 29
SYSTEM CALIBRATION AND ERROR CALCULATION
The measured transfer function of the AD8363 at 1.9 GHz is
shown in Figure 44, which contains plots of both output voltage
vs. input amplitude (power) and calculated error vs. input level. As
the input level varies from −55 dBm to +0 dBm, the output
voltage varies from ~0 V to ~3.1 V.
Because slope and intercept vary from device to device, board-
level calibration must be performed to achieve high accuracy.
The equation for the idealized output voltage can be written as
VOUT(IDEAL) = Slope × (PIN − Intercept)
(12)
where:
Slope is the change in output voltage divided by the change in
input power (dB).
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4
3
2
1
0
–1
–2
–3
–4
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 44. 1.9 GHz Transfer Function and Linearity Error using a Two-Point
Calibration (Calibration Points −20 dBm and −40 dBm)
Intercept is the calculated input power level at which the output
voltage would equal 0 V (note that Intercept is an extrapolated
theoretical value not a measured value).
In general, calibration, which establishes the Slope and Intercept,
is performed during equipment manufacture by applying two
or more known signal levels to the input of the AD8363 and
measuring the corresponding output voltages. The calibration
points are generally chosen within the linear-in-dB operating
range of the device.
With a two-point calibration, the slope and intercept are
calculated as follows:
Slope = (VOUT1 − VOUT2)/(PIN1 − PIN2)
(13)
Intercept = PIN1 − (VOUT1/Slope)
(14)
After the slope and intercept are calculated and stored in non-
volatile memory during equipment calibration, an equation can
be used to calculate an unknown input power based on the
output voltage of the detector.
PIN (Unknown) = (VOUT1(MEASURED)/Slope) + Intercept
(15)
The log conformance error is the difference between this
straight line and the actual performance of the detector.
Error (dB) = (VOUT(MEASURED) − VOUT(IDEAL))/Slope
(16)
Figure 44 includes a plot of this error when using a two-point
calibration (calibration points are −20 dBm and −40 dBm). The
error at the calibration points is equal to 0 by definition.
The residual nonlinearity of the transfer function that is
apparent in the two-point calibration error plot can be reduced
by increasing the number of calibration points. Figure 45 shows
the post-calibration error plots for three-point calibration. With
a multipoint calibration, the transfer function is segmented,
with each segment having its own slope and intercept. During
calibration, multiple known power levels are applied, and
multiple voltages are measured. When the equipment is in
operation, the measured voltage from the detector is first used
to determine which of the stored slope and intercept calibration
coefficients are to be used. Then the unknown power level is
calculated by inserting the appropriate slope and intercept into
Equation 15.
Figure 45 shows the output voltage and error at 25°C and over
temperature when a three-point calibration is used (calibration
points are 0 dBm, −10 dBm and −40 dBm). When choosing
calibration points, there is no requirement for, or value in equal
spacing between the points. There is also no limit to the
number of calibration points used.
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4
3
2
1
0
–1
–2
–3
–4
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 45. 1.9 GHz Transfer Function and Error at +25°C, −40°C, and +85°C
Using a Three-Point Calibration (0 dBm, −10 dBm and −40 dBm)
The −40°C and +85°C error plots in Figure 44 and Figure 45
are generated using the 25°C calibration coefficients. This is
consistent with equipment calibration in a mass production
environment where calibration at just a single temperature is
practical.
OPERATION TO 125°C
The AD8363 operates up to 125°C with slightly degraded
performance. Figure 46 shows the typical operation (Errors are
plotted using two-point calibration) at 125°C as compared to
other temperatures using the TCM1 and TCM2 values in Table 4.
Temperature compensation can be optimized for operation
above 85°C by modifying the voltages on the TCM1 and TCM2
pins from those shown in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com