Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8363ACPZ-R2
Description  50 Hz to 6 GHz, 50 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8363ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD8363
Data Sheet
400
350
300
250
200
150
100
50
0
2800
2450
2100
1750
1400
1050
700
0
350
0
10
20
30
40
50
60
70
80
90
100
CLPF CAPACITANCE (nF)
RESIDUAL RIPPLE (mV)
RISE TIME (µs)
FALL TIME (µs)
Figure 49. Residual Ripple, Rise Time, and Fall Time vs. CLPF Capacitance,
Single Carrier CDMA2000 9CH SR1 Signal at 2.14 GHz with 10 dBm Pulse
Table 5 shows the recommended values of CLPF for popular
modulation schemes. For nonpulsed waveforms, increase CLPF until
the residual output noise falls below 50 mV (±0.5 dB). In each case,
the capacitor can be increased to further reduce the noise. A 10% to
90% step response to an input step is also listed. Where the
increased response time is unacceptably high, reduce CLPF, which
increases the noise on the output. Due to the random nature of the
output ripple, if it is sampled by an ADC, averaging in the digital
domain further reduces the residual noise.
Table 5 gives CLPF values to minimize noise while trying to keep
a reasonable response time. For non-pulsed type waveforms,
averaging is not required on the output. For pulsed waveforms,
the smaller the noise, the less averaging is needed on the output.
System specifications determine the necessary rise time and fall
time. For example, the suggested CLPF value for WiMAX assumes
that it is not necessary to measure the power in the preamble.
Figure 50 shows how the rise time cuts off the preamble. Note
that the power in the preamble can be easily measured; however,
the CLPF value would have to be reduced slightly, and the noise in
the main signal would increase.
CH1 500mV
M 1.00ms
A CH1
600mV
CH1 RISE
81.78µs
CH1 FALL
1.337ms
1
T 10.00%
T
Figure 50. AD8363 Output Response to a WiMAX 802.16, 64 QAM, 256
Subcarriers, 10 MHz Bandwidth Signal with CLPF = 0.027 µF
As shown in Figure 49, the fall time for the AD8363 increases
faster than the rise time with an increase in CLPF capacitance.
Some pulse-type modulation standards require a fast fall time as
well as a fast rise time, and in all cases, less output ripple is desired.
Placing an RC filter on the output reduces the ripple, according
to the frequency content of the ripple and the poles and zeros of
the filter. Using an RC output filter also changes the rise and fall
time vs. the output ripple response as compared to increasing
the CLPF capacitance.
Table 5. Recommended CLPF Values for Various Modulation Schemes
Modulation/Standard
Crest Factor (dB)
CLPF
Residual Ripple
(mV p-p)
Response Time (Rise/Fall)
10% to 90%
W-CDMA, 1Carrier, TM1-64
12
0.1 µF
15
236 μs/2.9 ms
W-CDMA, 1Carrier, TM1-64 (EVDO)
12
3900 pF
150
8.5 μs/100 µs
W-CDMA 4Carrier, TM1-64
11
0.1 µF
8
240 μs/2.99 ms
CDMA2000, 1Carrier, 9CH
9.1
0.1 µF
10
210 μs/3.1 ms
CDMA2000, 3Carrier, 9CH
11
0.1 µF
13
215 μs/3.14 ms
WiMAX 802.16 , 64 QAM, 256 Subcarriers, 10 MHz Bandwidth
14
0.027 µF
10
83 µs/1.35 ms
6C TD-SCDMA
14
0.01 µF
69
24 μs/207 μs
1C TD-SCDMA
11.4
0.01 µF
75
24 μs /198 μs
Rev. B | Page 22 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com