Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4312-1ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4312-1ACPZ-R2
Description  Wideband, Differential, High Output Current Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4312-1ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4312-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADA4312-1
Rev. A | Page 3 of 12
SPECIFICATIONS
VCC = 12 V, VEE = GND, RF = 732 Ω, RIADJ1 = 0 Ω (at TA = 25°C, GDIFF = +16 V/V, RL,DIFF = 40 Ω, SD = 0 V), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
V
OUT = 0.2 V p-p differential
195
MHz
Full Power Bandwidth
V
OUT = 5 V p-p differential
168
MHz
Slew Rate
V
OUT = 4 V p-p differential, GDIFF = +2 V/V
2100
V/µs
NOISE/DISTORTION PERFORMANCE
G.hn Multitone Power Ratio (MTPR)
V
OUT = 16 dBm line power
f
C = 5 MHz, referred to −58 dBm/Hz
−64
dBc
f
C = 17 MHz, referred to −58 dBm/Hz
−64
dBc
f
C = 28 MHz, referred to −58 dBm/Hz
−64
dBc
f
C = 31 MHz, referred to −58 dBm/Hz
−63
dBc
f
C = 59 MHz, referred to −58 dBm/Hz
−61
dBc
f
C = 82 MHz, referred to −58 dBm/Hz
−62
dBc
Differential Output Voltage Noise
f = 10 MHz
57
nV/√Hz
DC PERFORMANCE
Differential Input Offset Voltage
−1.2
+1.2
mV
Input Bias Current
Noninverting Input
−20
+20
µA
Inverting Input
−175
+175
µA
Open-Loop Transimpedance
47
kΩ
Common-Mode Rejection Ratio (CMRR)
−70
dB
OUTPUT CHARACTERISTICS
Positive Swing
10.4
10.5
V peak
Negative Swing
1.5
1.6
V peak
Differential Swing
17.6
18
V p-p
Peak Output Current Drive
225
mA peak
Differential Output Impedance2
Disabled (SD ≥ 2.0 V)
10
kΩ
Disabled Output Voltage
SD ≥ 2.0 V, referred to V
MID
±15
mV
POWER SUPPLY
Single-Supply Voltage
12
V
Supply Current
SD ≤ 0.8 V
46
49.5
mA
SD ≥ 2.0 V
3
4
mA
SHUTDOWN PIN
High Level Input Voltage, V
IH
Referenced to GND
2.0
V
Low Level Input Voltage, V
IL
Referenced to GND
0.8
V
SD = Low Bias Current
SD = 0.8 V
−30
−20
µA
SD = High Bias Current
SD = 2.0 V
−15
−9
µA
Enable Time
1
µs
Disable Time
1
µs
Power Supply Rejection Ratio (PSRR)
−70
dB
1 R
IADJ is the resistor that must be installed between IADJ (Pin 5) and GND (Pin 4).
2 Differential output impedance is measured open-loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com