Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4312-1ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4312-1ACPZ-R2
Description  Wideband, Differential, High Output Current Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4312-1ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4312-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADA4312-1
Rev. A | Page 9 of 12
APPLICATIONS INFORMATION
ADA4312-1
+
–
ADA4312-1
–
+
VCC
VCC
RL
1:1
RBT
RBT
RF
RG
RF
CIN
CIN
RBIAS
RBIAS
10k
Ω
10k
Ω
RIADJ
0.1µF
0.1µF
10µF
Figure 17. Typical G.hn Application Circuit
FEEDBACK RESISTOR SELECTION
The feedback resistor value has a direct impact on the closed-
loop bandwidth of the current feedback amplifiers used in the
architecture of the ADA4312-1 differential line driver. Table 5
provides a guideline for the selection of feedback resistor values
used in typical differential line driver circuits (refer to Figure 17).
Table 5. Resistor Values and Frequency Performance
Gain
R
F (Ω)
R
G (Ω)
−3 dB SS BW (MHz)
16 V/V
732
97.6
195
12 V/V
750
137
200
8 V/V
768
221
209
4 V/V
806
536
222
Selecting a feedback resistor with a value that is lower than the
values in Table 5 can create peaking in the frequency response;
in extreme cases, this peaking can lead to instability. Conversely,
a feedback resistor that exceeds the values in Table 5 can limit
the closed-loop bandwidth.
GENERAL OPERATION
The ADA4312-1 is a differential line driver designed for single-
supply operation in G.hn line driver applications. The core
architecture comprises two high speed current feedback amplifiers.
The inputs of these amplifiers are arranged in a unique way that
facilitates extended differential bandwidth, linearity, and stability
while limiting common-mode bandwidth and enhancing
common-mode stability.
The patented input stage of the core amplifiers is not conducive
to operating either core amplifier independently. The ADA4312-1
input stage is designed to operate only in differential applications
similar to the circuit shown in Figure 17.
HALF-DUPLEX OPERATION
In systems such as G.hn PLC modems, half-duplex or time-
division duplex (TDD) systems require the line driver to be
switched between transmit mode and high output impedance
receive mode. The ADA4312-1 is equipped with a shutdown pin
(SD, Pin 9) that stops the line driver from transmitting while
switching the outputs to a high output impedance equivalent to
10 kΩ in parallel with 2RF + RG (see Figure 17). The shutdown
(SD) pin is compatible with standard 3.3 V CMOS logic. If the
SD pin is left floating, an internal pull-up resistor places the
output in a disabled, high output impedance state. SD logic is
referred to GND (Pin 4), which should be connected to 0 V.
ESTABLISHING VMID
In single-supply applications such as the one shown in
Figure 17, it is necessary to establish a midsupply operating
point (VMID). To establish VMID, use two 10 kΩ resistors to form
a resistor divider from VCC to ground and a 0.1 µF ceramic chip
capacitor for decoupling. Place the VMID decoupling capacitor
and the RBIAS resistors as close as possible to the ADA4312-1.
BIAS CONTROL AND LINEARITY
The ADA4312-1 is equipped with a biasing adjustment feature
that lowers the quiescent operating current. A resistor (RIADJ)
must be placed between IADJ (Pin 5) and GND (Pin 4) for proper
operation of the ADA4312-1. Using a resistor larger than 0 Ω
reduces the quiescent current of the line driver and improves
efficiency in transmit mode. Figure 13 shows the quiescent
current vs. RIADJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com