Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4312-1ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4312-1ACPZ-R2
Description  Wideband, Differential, High Output Current Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4312-1ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4312-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADA4312-1
Data Sheet
Rev. A | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, V
CC
13.2 V
SD Voltage
V
CC
Power Dissipation
1.25 W
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The thermal resistance (θJA) was specified using the ADA4312-1
evaluation board (EVAL-ADA4312-1ACPZ).
Table 3.
Package Type
θ
JA
Unit
16-Lead LFCSP
31.8
°C/W
MAXIMUM POWER DISSIPATION
Exceeding a junction temperature of 150°C can result in changes
to silicon devices, potentially causing degradation or loss of
functionality.
The power dissipation of the ADA4312-1 is 750 mW for a typical
G.hn application delivering 16 dBm into a 40 Ω differential load.
The maximum internal power dissipation should not exceed
1.25 W over the extended industrial temperature range of −40°C
to +85°C on a PCB designed according to the guidelines in the
Thermal Management section.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com