Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4312-1ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4312-1ACPZ-R2
Description  Wideband, Differential, High Output Current Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4312-1ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4312-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADA4312-1
Rev. A | Page 7 of 12
100k
1
10
100
1k
10k
0.1
100
10
1
FREQUENCY (MHz)
RG
RF
RF
VMID
50Ω
50Ω
ZOUT
Figure 10. Open-Loop Disabled Differential Output Impedance vs. Frequency
14
13
12
11
10
9
8
7
6
5
4
3
2
3.5
1.5
–0.5
–2.5
–2.0
2.5
0.5
–1.5
2.0
0
3.0
1.0
–1.0
–1.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
TIME (µs)
SD
OUTA
OUTB
Figure 11. Shutdown Enable/Disable with Differential OFDM Input
3.5
1.5
–0.5
–2.5
2.5
0.5
–1.5
1.25
0.75
0.25
–0.25
1.00
0.50
0
1.8
1.9
2.0
2.1
2.2
2.3
2.4
TIME (µs)
SD
AVERAGE GLITCH
Figure 12. Differential Output Enable Glitch, Normalized to 0 V
0
10
20
30
40
50
60
70
0
1000
2000
3000
4000
5000
6000
7000
8000
RIADJ (Ω)
DRIVING 16dBm
INTO 40Ω
QUIESCENT
Figure 13. Supply Current vs. IADJ Resistance (RIADJ)
3.5
1.5
–0.5
–2.5
2.5
0.5
–1.5
–0.25
0
0.25
0.50
0.75
1.00
1.25
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (µs)
SD
AVERAGE GLITCH
Figure 14. Shutdown Enable/Disable Glitch, Normalized to 0 V,
Differential Input = 0 V
3.5
1.5
–0.5
–2.5
2.5
0.5
–1.5
1.25
0.75
0.25
–0.25
1.00
0.50
0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TIME (µs)
SD
AVERAGE GLITCH
Figure 15. Differential Output Disable Glitch, Normalized to 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com