Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4312-1ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4312-1ACPZ-R2
Description  Wideband, Differential, High Output Current Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4312-1ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4312-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADA4312-1
Rev. A | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
–IN A
+IN A
GND
SD
+IN B
–IN B
NC
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. CONNECT THE EXPOSED PAD TO A SOLID EXTERNAL
PLANE WITH LOW THERMAL RESISTANCE.
2
1
3
4
12
11
10
9
ADA4312-1
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect. Do not connect to this pin.
2
−IN A
Amplifier A Inverting Input.
3
+IN A
Amplifier A Noninverting Input.
4
GND
Ground (Reference for SD and I
ADJ). Electrical connection required.
5
I
ADJ
Resistor Controlled Bias Current Adjust. A resistor connection to GND is required.
6
NC
No Connect. Do not connect to this pin.
7
V
EE
Negative Power Supply Input.
8
NC
No Connect. Do not connect to this pin.
9
SD
Shutdown Control.
10
+IN B
Amplifier B Noninverting Input.
11
−IN B
Amplifier B Inverting Input.
12
NC
No Connect. Do not connect to this pin.
13
OUT B
Amplifier B Output.
14
V
CC
Positive Power Supply Input.
15
NC
No Connect. Do not connect to this pin.
16
OUT A
Amplifier A Output.
EPAD
No electrical connection. Connect the exposed pad to a solid external plane with low thermal resistance
(see the Thermal Management section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com