Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4312-1ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4312-1ACPZ-R2
Description  Wideband, Differential, High Output Current Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4312-1ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4312-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Wideband, Differential, High Output Current
Line Driver with Shutdown
Data Sheet
ADA4312-1
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
−3 dB bandwidth: 195 MHz, G
DIFF = +16 V/V, RL, DIFF = 40 Ω
Differential slew rate: 2100 V/µs
Wide output swing: 18.0 V p-p differential, 12 V supply
High output current: 225 mA peak
G.hn MTPR at 16 dBm line power
−64 dBc typical at 5 MHz, referred to −58 dBm/Hz
−64 dBc typical at 17 MHz, referred to −58 dBm/Hz
−64 dBc typical at 28 MHz, referred to −58 dBm/Hz
−63 dBc typical at 31 MHz, referred to −58 dBm/Hz
−61 dBc typical at 59 MHz, referred to −58 dBm/Hz
−62 dBc typical at 82 MHz, referred to −58 dBm/Hz
Shutdown
CMOS-compatible SD pin
Shutdown quiescent current: 3 mA
Z
OUT in shutdown: 10 kΩ differential (open-loop)
Resistor adjustable quiescent current
APPLICATIONS
ITU G.hn (ITU G.9960/G.9961)
HomePlug AV
HomePlug AV2
IEEE 1901
GENERAL DESCRIPTION
The ADA4312-1 is a high speed, differential, current feedback line
driver designed for half-duplex G.hn power line communication
(PLC) modems. The high output current, high bandwidth, and
slew rate of 2100 V/µs make the ADA4312-1 an excellent choice
for G.hn broadband applications that require high linearity
while driving low impedance loads.
The CMOS-compatible shutdown control pin (SD) reduces
the quiescent current to 3 mA while maintaining an output
impedance of 10 kΩ differential. The ADA4312-1 also provides
resistor adjustable quiescent current for improved efficiency in
transmit mode.
The ADA4312-1 is available in a thermally enhanced, 16-lead
LFCSP with an exposed pad to facilitate robust thermal
management. The ADA4312-1 is rated to operate over the
extended industrial temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
NC
–IN A
+IN A
GND
SD
+IN B
–IN B
NC
NC = NO CONNECT. DO NOT CONNECT
TO THIS PIN.
2
1
3
4
12
11
10
9
ADA4312-1
Figure 1. Thermally Enhanced, 4 mm × 4 mm, 16-Lead LFCSP
TYPICAL APPLICATION CIRCUIT
VMID*
VMID =
1/2
1/2
VCC
2
ADA4312-1
ADA4312-1
Figure 2. Typical PLC Driver Application


Similar Part No. - ADA4312-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4312-1ACPZ-R2 AD-ADA4312-1ACPZ-R2 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
More results

Similar Description - ADA4312-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
ADA4310 AD-ADA4310 Datasheet
338Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
10/06-Revision 0
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310-1 AD-ADA4310-1_15 Datasheet
521Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. A
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
logo
Texas Instruments
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
ADA4311-1 AD-ADA4311-1_16 Datasheet
337Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
Rev. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
Low Cost, Dual, High Current Output Line Driver with Shutdown
10/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com