Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4312-1ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4312-1ACPZ-R2
Description  Wideband, Differential, High Output Current Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4312-1ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4312-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADA4312-1
Data Sheet
Rev. A | Page 12 of 12
OUTLINE DIMENSIONS
2.70
2.60 SQ
2.50
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGC.
1
0.65
BSC
16
5
8
9
12
13
4
4.10
4.00 SQ
3.90
0.45
0.40
0.35
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.35
0.30
0.25
BOTTOM VIEW
SEATING
PLANE
TOP VIEW
SIDE VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
EXPOSED
PAD
Figure 21. 16-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-16-17)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADA4312-1ACPZ-R2
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-17
ADA4312-1ACPZ-R7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-17
ADA4312-1ACPZ-RL
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-17
1 Z = RoHS Compliant Part.
©2012–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11044-0-4/17(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com