Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4312-1ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4312-1ACPZ-R2
Description  Wideband, Differential, High Output Current Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4312-1ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4312-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4312-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADA4312-1
Data Sheet
Rev. A | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
The figures in this section refer to the test circuit shown in Figure 16, unless otherwise noted.
27
–18
–15
–12
–9
–6
–3
0
3
6
9
12
15
18
21
24
1
1000
100
10
FREQUENCY (MHz)
GAIN = 4V/V
GAIN = 8V/V
GAIN = 12V/V
GAIN = 16V/V
COMMON-MODE
Figure 4. Small Signal Differential and Common-Mode Frequency Response
100
90
80
70
60
50
40
30
20
10
0
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
Figure 5. G.hn Transmit Spectrum, 16 dBm into 40 Ω Differential
TIME (ns)
160
200
240
280
320
120
80
40
0
–80
–40
0
–20
–40
–60
–80
–100
20
40
60
80
100
OUT A
OUT B
Figure 6. Small Signal Output Transient Response, Normalized to 0 V,
10 ns Rise Time, 10 ns Fall Time, 1 µs Pulse Width, 10% Duty Cycle
0
3
6
9
12
15
18
21
24
27
30
1
10
100
1000
FREQUENCY (MHz)
Figure 7. Large Signal Differential Frequency Response, Gain = +16 V/V,
Differential VOUT = 5 V p-p
10k
1k
100
10
1
1G
1M
1k
100M
100k
100
10M
10k
10
FREQUENCY (Hz)
97.6Ω
732Ω
40.2Ω
1.1Ω
1.1Ω
732Ω
Figure 8. Differential Output Voltage Noise vs. Frequency, Gain = +16 V/V
TIME (ns)
160
200
240
280
320
120
80
40
0
–80
–40
0
–20
–40
–60
–80
–100
20
40
60
80
100
OUT B
OUT A
Figure 9. Small Signal Output Transient Response, Normalized to 0 V,
10 ns Rise Time, 10 ns Fall Time, 1 µs Pulse Width, 10% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com