Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose Wide Bandwidth, DC-Coupled VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8336ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
AD8336
Rev. F | Page 3 of 27
SPECIFICATIONS
VS = ±5 V, T = 25°C, gain range = −14 dB to +46 dB, preamplifier gain = 4×, f = 1 MHz, CL = 5 pF, RL = 500 Ω, PWRA = GND, unless
otherwise specified.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
PREAMPLIFIER
−3 dB Small-Signal Bandwidth
VOUT = 10 mV p-p
150
MHz
−3 dB Large-Signal Bandwidth
VOUT = 2 V p-p
85
MHz
Bias Current, Either Input
725
nA
Differential Offset Voltage
±600
μV
Input Resistance
900
Input Capacitance
3
pF
PREAMPLIFIER + VGA
−3 dB Small-Signal Bandwidth
VOUT = 10 mV p-p
115
MHz
VOUT = 10 mV p-p, PWRA = 5 V
40
MHz
VOUT = 10 mV p-p, preamplifier gain = 20×
20
MHz
VOUT = 10 mV p-p, preamplifier gain = −3×
125
MHz
−3 dB Large-Signal Bandwidth
VOUT = 2 V p-p
80
MHz
VOUT = 2 V p-p, PWRA = 5 V
30
MHz
VOUT = 2 V p-p, preamplifier gain = 20×
20
MHz
VOUT = 2 V p-p, preamplifier gain = −3×
100
MHz
Slew Rate
VOUT = 2 V p-p
550
V/µs
Short-Circuit Preamplifier Input
Voltage Noise Spectral Density
±3 V ≤ VS ≤ ±12 V
3.0
nV/√Hz
Input Current Noise Spectral Density
3.0
pA/√Hz
Output-Referred Noise
VGAIN = 0.7 V, preamplifier gain = 4×
600
nV/√Hz
VGAIN = −0.7 V, preamplifier gain = 4×
190
nV/√Hz
VGAIN = 0.7 V, preamplifier gain = 20×
2500
nV/√Hz
VGAIN = −0.7 V, preamplifier gain = 20×
200
nV/√Hz
VGAIN = 0.7 V, −55°C ≤ T ≤ +125°C
700
nV/√Hz
VGAIN = −0.7 V, −55°C ≤ T ≤ +125°C
250
nV/√Hz
DYNAMIC PERFORMANCE
Harmonic Distortion
VGAIN = 0 V, VOUT = 1 V p-p
HD2
f = 1 MHz
−58
dBc
HD3
f = 1 MHz
−68
dBc
HD2
f = 10 MHz
−60
dBc
HD3
f = 10 MHz
−60
dBc
Input 1 dB Compression Point
VGAIN = −0.7 V
11
dBm
VGAIN = +0.7 V
−23
dBm
Two-Tone Intermodulation
VGAIN = 0 V, VOUT = 1 V p-p, f1 = 0.95 MHz, f2 = 1.05 MHz
−71
dBc
Distortion (IMD3)
VGAIN = 0 V, VOUT = 1 V p-p, f1 = 9.95 MHz, f2 = 10.05 MHz
−69
dBc
VGAIN = 0 V, VOUT = 2 V p-p, f1 = 0.95 MHz, f2 = 1.05 MHz
−60
dBc
VGAIN = 0 V, VOUT = 2 V p-p, f1 = 9.95 MHz, f2 = 10.05 MHz
−58
dBc
Output Third-Order Intercept
VGAIN = 0 V, VOUT = 1 V p-p, f = 1 MHz
34
dBm
VGAIN = 0 V, VOUT = 1 V p-p, f = 10 MHz
32
dBm
VGAIN = 0 V, VOUT = 2 V p-p, f = 1 MHz
34
dBm
VGAIN = 0 V, VOUT = 2 V p-p, f = 10 MHz
33
dBm
Overdrive Recovery
VGAIN = 0.7 V, VIN = 100 mV p-p to 5 mV p-p
50
ns
Group Delay Variation
1 MHz < f < 10 MHz, full gain range
±1
ns
Preamplifier Gain = 20×
1 MHz < f < 10 MHz, full gain range
±3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com