Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose Wide Bandwidth, DC-Coupled VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8336ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
General-Purpose, −55°C to +125°C,
Wide Bandwidth, DC-Coupled VGA
Data Sheet
AD8336
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise
Voltage noise: 3 nV/√Hz
Current noise: 3 pA/√Hz
Small-signal BW: 115 MHz
Large-signal BW: 2 V p-p = 80 MHz
Slew rate: 550 V/µs, 2 V p-p
Gain ranges (specified)
−14 dB to +46 dB
0 dB to 60 dB
Gain scaling: 50 dB/V
DC-coupled
Single-ended input and output
Supplies: ±3 V to ±12 V
Temperature range: −55°C to +125°C
Power
150 mW at ±3 V, −55°C < T < +125°C
84 mW at ±3 V, PWRA = 3 V
APPLICATIONS
Industrial process controls
High performance AGC systems
I/Q signal processing
Video
Industrial and medical ultrasound
Radar receivers
GENERAL DESCRIPTION
The AD8336 is a low noise, single-ended, linear in dB, general-
purpose variable gain amplifier, usable over a large range of
supply voltages. It features an uncommitted preamplifier with a
usable gain range of 6 dB to 26 dB. The VGA gain range is 0 dB
to 60 dB, with absolute gain limits of −26 dB to +34 dB. When
the preamplifier gain is adjusted for 12 dB, the combined 3 dB
bandwidth of the preamplifier and VGA is 100 MHz, and the
amplifier is fully usable to 80 MHz. With ±5 V supplies, the
maximum output swing is 7 V p-p.
Because of the X-AMP® architecture, frequency response is
maintained across the entire gain range of the VGA. The differen-
tial gain control interface provides precise linear in dB gain scaling
of 50 dB/V over the temperature span of −55°C to +125°C and
is simple to interface with a variety of external sources.
The large supply voltage range makes the AD8336 suited for
industrial medical applications and video circuits. Dual-supply
operation enables bipolar input signals, such as those generated
by photodiodes or photomultiplier tubes.
The fully independent voltage feedback preamplifier allows both
inverting and noninverting gain topologies. The AD8336 can be
used within the specified gain range of −14 dB to +60 dB by
selecting a preamplifier gain between 6 dB and 26 dB and choosing
appropriate feedback resistors. For the nominal preamplifier gain of
4×, the overall gain range is −14 dB to +46 dB.
If required, quiescent power is limited to a safe level by
asserting the PWRA pin.
FUNCTIONAL BLOCK DIAGRAM
VOUT
VGAI
PRAO
GNEG
AD8336
VCOM
VPOS
GPOS
34dB
PREAMP
PWRA
ATTENUATOR
–60dB TO 0dB
GAIN CONTROL
INTERFACE
INPP
INPN
+
BIAS
VNEG
4
5
2
13
3
11
12
1
10
9
8
Figure 1.


Similar Part No. - AD8336ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8336ACPZ-R7 AD-AD8336ACPZ-R7 Datasheet
1Mb / 28P
General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
10/06-Revision 0
More results

Similar Description - AD8336ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC615 BURR-BROWN-SHC615 Datasheet
299Kb / 19P
Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
logo
Analog Devices
AD8336 AD-AD8336 Datasheet
1Mb / 28P
General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
10/06-Revision 0
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD8264 AD-AD8264 Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Analog Devices
AD8264 AD-AD8264_16 Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com