Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose Wide Bandwidth, DC-Coupled VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
AD8336
Data Sheet
Rev. F | Page 20 of 27
THEORY OF OPERATION
OVERVIEW
The AD8336 is the first VGA designed for operation over
exceptionally broad ranges of temperature and supply voltage.
The performance has been characterized from temperatures
extending from −55°C to +125°C, and supply voltages from ±3 V
to ±12 V. It is ideal for applications requiring dc coupling, large
output voltage swings, very large gain ranges, extreme temperature
variations, or a combination thereof.
The simplified block diagram is shown in Figure 77. The
AD8336 includes a voltage feedback preamplifier, an amplifier
with a fixed gain of 34 dB, a 60 dB attenuator, and various bias
and interface circuitry. The independent voltage feedback
operational amplifier can be used in noninverting and inverting
configurations and functions as a preamplifier to the variable gain
amplifier (VGA). If desired, the preamplifier output (PRAO)
and VGA input (VGAI) pins provide for connection of an
interstage filter to eliminate noise and offset. The bandwidth of
the AD8336 is dc to 100 MHz with a gain range of 60 dB (−14 dB
to +46 dB).
For applications that require large supply voltages, a reduction
in power is advantageous. The power reduction pin (PWRA)
permits the power and bandwidth to be reduced by about half
in such applications.
VOUT
VGAI
PRAO
GNEG
VCOM
VPOS
GPOS
PWRA
–60dB TO 0dB
ATTENUATOR
AND GAIN
CONTROL
INTERFACE
BIAS
VNEG
INPP
INPN
RFB2
301Ω
4.48kΩ
+
_
*
34dB
12dB
91.43Ω
*OPTIONAL DEPEAKING CAPACITOR. SEE TEXT.
RFB1
100Ω
1.28kΩ
+
PREAMP
Figure 77. Simplified Block Diagram
To maintain low noise, the output stages of both the preamplifier
and the VGA are capable of driving relatively small load resistances.
However, at the largest supply voltages, the signal current can
exceed safe operating limits for the amplifiers and, therefore,
the load current must not exceed 50 mA. With a ±12 V supply
and ±10 V output voltage at the preamplifier or VGA output,
load resistances as low as 200 Ω are acceptable.
For power supply voltages ≥ ±10 V, the maximum operating
temperature range is derated to +85°C because the power can
exceed safe limits (see the Absolute Maximum Ratings section).
Because harmonic distortion products can increase for various
combinations of low impedance loads and high output voltage
swings, it is recommended that the user determine load and
drive conditions empirically.
PREAMPLIFIER
The gain of the uncommitted voltage feedback preamplifier is set
with external resistors. The combined preamplifier and VGA gain
is specified in two ranges: −14 dB to +46 dB and 0 dB to 60 dB.
Since the VGA gain is fixed at 34 dB (50×), the preamplifier
gain is adjusted for gains of 12 dB (4×) and 26 dB (200×).
With low preamplifier gains between 2× and 4×, it can be desirable
to reduce the high frequency gain with a shunt capacitor across
RFB2 to ameliorate peaking in the frequency domain (see Figure 77).
To maintain stability, the gain of the preamplifier must be 6 dB
(2×) or greater.
Typical of voltage feedback amplifier configurations, the gain-
bandwidth product of the AD8336 is fixed (at 600); therefore,
the bandwidth decreases as the gain is increased beyond the
nominal gain value of 4×. For example, if the preamplifier gain
is increased to 20×, the bandwidth reduces by a factor of 5 to
about 20 MHz. The −3 dB bandwidth of the preamplifier with a
gain of 4× is about 150 MHz, and for the 20× gain is about 30 MHz.
The preamplifier gain diminishes for an amplifier configured
for inverting gain, using the same value of feedback resistors as for
a noninverting amplifier, but the bandwidth remains unchanged.
For example, if the noninverting gain is 4×, the inverting gain is
−3×, but the bandwidth stays the same as in the noninverting gain
of 4×. However, because the output-referred noise of the
preamplifier is the same in both cases, the input-referred noise
increases as the ratio of the two gain values increases. For the
previous example, the input-referred noise increases by a factor
of 4/3.
The output swing of the preamplifier is the same as for the VGA.
VGA
The architecture of the variable gain amplifier (VGA) section
of the AD8336 is based on the Analog Devices, Inc., X-AMP
(exponential amplifier), found in a wide variety of Analog Devices
variable gain amplifiers. This type of VGA combines a ladder
attenuator and interpolator, followed by a fixed-gain amplifier.
The gain control interface is fully differential, permitting positive
or negative gain slopes. Note that the common-mode voltage of
the gain control inputs increases with increasing supply.
The gain slope is 50 dB/V and the intercept is 16.4 dB when the
nominal preamplifier gain is 4× (12 dB). The intercept changes
with the preamplifier gain; for example, when the preamplifier
gain is set to 20× (26 dB), the intercept becomes 30.4 dB.
Pin VGAI is connected to the input of the ladder attenuator.
The ladder ratio is R/2R and the nominal resistance is 320 Ω. To
reduce preamplifier loading and large-signal dissipation, the
input resistance at Pin VGAI is 1.28 kΩ. Safe current density
and power dissipation levels are maintained even when large dc
signals are applied to the ladder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com