Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose Wide Bandwidth, DC-Coupled VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
AD8336
Data Sheet
Rev. F | Page 14 of 27
–60
–20
20
0
40
–100
–40
–50
150
100
250
50
300
200
350
–0.6
0
–0.2
0.2
0.4
–0.4
0
0.6
60
INPUT
OUTPUT WHEN PWRA = 0
OUTPUT WHEN PWRA = 1
VGAIN = 0.7V
TIME (ns)
Figure 45. Noninverting Small-Signal Pulse Response for Both Power Levels
(See Figure 65)
VGAIN = 0.7V
PREAMP GAIN = –3×
INPUT
OUTPUT
–60
–20
20
0
40
–100
–40
TIME (ns)
–50
150
100
250
50
300
200
350
–0.6
0
–0.2
0.2
0.4
–0.4
0
0.6
60
Figure 46. Inverting Gain Small-Signal Pulse Response
(See Figure 70)
–2.0
–1.0
0
2.0
1.5
–1.5
–15
0
–20
20
10
15
–10
1.0
2.5
–2.5
–25
25
5
–5
–0.5
0.5
INPUT
OUTPUT WHEN PWRA = 0
OUTPUT WHEN PWRA = 1
0
–100
TIME (ns)
–50
150
100
250
50
300
200
350
VGAIN = 0.7V
Figure 47. Large-Signal Pulse Response for Both Power Levels
(See Figure 65)
–15
0
–20
20
10
15
–10
–25
25
5
–5
–1.5
0
–2.0
2.0
1.0
1.5
–1.0
–2.5
2.5
0.5
–0.5
INPUT
OUTPUT
0
–100
TIME (ns)
–50
150
100
250
50
300
200
350
VGAIN = 0.7V
PREAMP GAIN = –3×
Figure 48. Inverting Gain Large-Signal Pulse Response
(See Figure 70)
–2.0
–1.0
0
0
2.0
1.5
–100
–1.5
TIME (ns)
–50
200
150
100
50
300
250
–15
0
–20
20
10
15
–10
1.0
350
5
–5
–0.5
0.5
400
VGAIN = 0.7V
VS= ±3V
INPUT
CL = 0pF
CL = 10pF
CL = 22pF
CL = 47pF
Figure 49. Large-Signal Pulse Response for Various Values of Load
Capacitance Using ±3 V Power Supplies
(See Figure 65)
VGAIN = 0.7V
VS = ±5V
*WITH 20Ω RESISTOR IN SERIES WITH OUTPUT.
0
–100
TIME (ns)
–50
150
100
250
50
300
200
350
–3
–1
1
2
–2
0
3
–30
–10
10
20
–20
0
30
INPUT
CL = 0pF
CL = 10pF*
CL = 22pF*
CL = 47pF*
Figure 50. Large-Signal Pulse Response for Various Values of Load
Capacitance Using ±5 V Power Supplies
(See Figure 65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com