Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose Wide Bandwidth, DC-Coupled VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8336ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
AD8336
Data Sheet
Rev. F | Page 4 of 27
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
ABSOLUTE GAIN ERROR2
−0.7 V < VGAIN < −0.6 V
0
1 to 5
6
dB
−0.6 V < VGAIN < −0.5 V
0
0.5 to 1.5
3
dB
−0.5 V < VGAIN < +0.5 V
−1.25
±0.2
+1.25
dB
−0.5 V < VGAIN < +0.5 V, ±3 V ≤ VS ≤ ±12 V
±0.5
+1.25
dB
−0.5 V < VGAIN < +0.5 V, −55°C ≤ T ≤ +125°C
±0.5
dB
−0.5 V < VGAIN < +0.5 V, preamplifier gain = −3×
±0.5
dB
0.5 V < VGAIN < +0.6 V
−4.0
−1.5 to −3.0
0
dB
0.6 V < VGAIN < +0.7 V
−9.0
−1 to −5
0
dB
GAIN CONTROL INTERFACE
Gain Scaling Factor
48
49.9
52
dB/V
Intercept
Preamplifier + VGA
16.4
dB
VGA only
4.5
dB
Gain Range
58
60
62
dB
Input Voltage (VGAIN) Range
No foldover
−VS
+VS
V
Input Current
1
μA
Response Time
60 dB gain change
300
ns
OUTPUT PERFORMANCE
Output Impedance, DC to 10 MHz
±3 V ≤ VS ≤ ±12 V
2.5
Ω
Output Signal Swing
RL ≥ 500 Ω (for |VS| ≤ ±5 V); RL ≥ 1 kΩ above that
|VS| − 1.5
V
RL ≥ 1 kΩ (for |VS| = ±12 V)
|VS| − 2.25
V
Output Current
Linear operation − minimum discernable distortion
20
mA
Short-Circuit Current
VS = ±3 V
+123/−72
mA
VS = ±5 V
+123/−72
mA
VS = ±12 V
+72/−73
mA
Output Offset Voltage
VGAIN = 0.7 V, gain = 200×
−250
−125
+150
mV
±3 V ≤ VS ≤ ±12 V
−200
mV
−55°C ≤ T ≤ +125°C
−200
mV
PWRA PIN
Normal Power (Logic Low)
VS = ±3 V
0.7
V
Low Power (Logic High)
VS = ±3 V
1.5
V
Normal Power (Logic Low)
VS = ±5 V
1.2
V
Low Power (Logic High)
VS = ±5 V
2.0
V
Normal Power (Logic Low)
VS = ±12 V
3.2
V
Low Power (Logic High)
VS = ±12 V
4.0
V
POWER SUPPLY
Supply Voltage Operating Range
±3
±12
V
Quiescent Current
VS = ±3 V
22
25
30
−55°C ≤ T ≤ +125°C
23 to 31
mA
PWRA = 3 V
10
14
18
VS = ±5 V
22
26
30
−55°C ≤ T ≤ +125°C
23 to 31
mA
PWRA = 5 V
10
14
18
VS = ±12 V
23
28
31
−55°C ≤ T ≤ +125°C
24 to 33
mA
PWRA = 5 V
16
Power Dissipation
VS = ±3 V
150
mW
VS = ±5 V
260
mW
VS = ±12 V
672
mW
Power Supply Rejection Ratio (PSRR)
VGAIN = 0.7 V, f = 1 MHz
−40
dB
1
All dBm values are calculated with 50 Ω reference, unless otherwise noted.
2
Conformance to theoretical gain expression (see the Setting the Gain section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com